Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • Y-CONC-R402S-RJ2L-2000-B

  • AI
    The part number **Y-CONC-R402S-RJ2L-2000-B** refers to a high-speed, high-density industrial cable assembly, typically used in imaging, machine vision, and automation applications. This specific nomenclature is often associated with **Camera Link** or similar LVDS (Low-Voltage Differential Signaling) interface standards. --- ### 1. Technical Specifications Overview The following table breaks down the typical characteristics of this electronic component: | Feature | Specification | | :--- | :--- | | **Connector Type A** | SDR (Shrink Delta Ribbon) / Mini Camera Link | | **Connector Type B** | RJ45 (or specialized industrial Ethernet variant) | | **Length** | 2000mm (2 Meters) | | **Shielding** | Double Shielded (Foil + Braid) | | **Protocol Support** | Camera Link / High-speed Data Transfer | | **Orientation** | Straight (S) | | **Color/Jacket** | Black (B) | --- ### 2. Breakdown of the Part Number While specific manufacturers (such as Yamaichi or custom cable assemblers) use proprietary codes, the string follows a logical electronic hierarchy: * **Y-CONC**: Product Series (Y-Con / Connector series). * **R402S**: Refers to the internal wiring configuration or the specific SDR/MDR connector shell size. * **RJ2L**: Indicates the secondary interface, likely a ruggedized **RJ45** or an 8-pin industrial circular connector with a locking mechanism. * **2000**: Specifies the physical length of the cable in millimeters (2.0 meters). * **B**: Denotes the color (Black) or specific revision/packaging type. --- ### 3. Key Electronic Characteristics #### A. Signal Integrity Because these cables are used for high-frequency data transmission (imaging sensors to frame grabbers), they utilize **twisted-pair wiring**. This minimizes electromagnetic interference (EMI) and crosstalk between data channels. #### B. Durability * **Industrial Grade:** Designed to withstand vibration and repetitive motion (common in robotic arms). * **Locking Mechanism:** Features thumbscrews or latches to ensure the connection does not vibrate loose in a factory environment. #### C. Power over Camera Link (PoCL) Depending on the specific pinout of the "R402S" section, these cables often support **PoCL**, allowing the host device to power the camera/sensor through the same cable used for data, reducing the need for an external power supply. --- ### 4. Common Applications * **Machine Vision:** Connecting industrial cameras to computers for quality control. * **Medical Imaging:** High-resolution data transfer for diagnostic equipment. * **Factory Automation:** Sensor integration in high-interference environments.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the R402S connector?
    • ⤷ Is this cable compatible with Power over Camera Link (PoCL)?
    • ⤷ What are the alternative lengths available for this specific series?