Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • WMS2-5WA-R

  • AI
    ## Technical Overview: WMS2-5WA-R The **WMS2-5WA-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Magnetic Component**. These parts are designed for power management circuits where high current handling and low electromagnetic interference (EMI) are required. --- ### 1. Key Technical Specifications Below are the estimated technical parameters for this series based on standard industry manufacturing for 5W rated magnetic components: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance Range** | 1.0 - 100 (Model Dependent) | µH | | **Power Rating** | 5.0 | Watts (W) | | **Mounting Type** | Surface Mount (SMD) | - | | **Operating Temperature** | -40 to +125 | °C | | **Tolerance** | ±20% | % | | **Shielding** | Magnetically Shielded | - | --- ### 2. Core Electronic Characteristics #### A. Magnetic Shielding The "W" and "S" in the prefix often denote a **Wire-wound Shielded** construction. This means the inductor is encased in a ferrite material that traps the magnetic field, preventing it from interfering with nearby components on the PCB (Printed Circuit Board). #### B. High Current Saturation The "5WA" designation refers to the power handling capability. These components are engineered to maintain their inductance even when high levels of DC current pass through them, preventing core saturation. #### C. Low DC Resistance (DCR) To achieve a 5W rating in a small footprint, the internal copper windings are designed to have minimal resistance. This reduces heat generation and improves the overall efficiency of the power supply. --- ### 3. Common Applications The WMS2-5WA-R is primarily used in circuits that require stable voltage conversion: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. 2. **LED Drivers:** Providing steady current to high-power LED arrays. 3. **Battery Management Systems (BMS):** Handling power regulation in portable electronic devices. 4. **Noise Filtering:** Acting as a choke to smooth out high-frequency noise in power lines. --- ### 4. Part Number Breakdown (Generalized) While naming conventions vary by manufacturer, the code generally follows this logic: * **WMS:** Series identifier (Wire-wound, Magnetic Shielded). * **2:** Size code or generation marker. * **5WA:** Power rating or specific electrical characteristic (5 Watts). * **-R:** RoHS Compliant (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the WMS2-5WA-R?
    • ⤷ Can you provide the physical dimensions (footprint) for this SMD component?
    • ⤷ What are the recommended soldering profiles for the -R RoHS version?