Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • WI453232-R33F

  • AI
    The **WI453232-R33F** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and power management circuits. It belongs to the 1812 size category (metric 4532). --- ### ## Technical Specifications Below are the primary electronic characteristics of the WI453232-R33F: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (330 nH) | | **Tolerance** | ±1% (F) | | **Case Size (EIA/Metric)** | 1812 / 4532 | | **Maximum DC Current (Idc)** | 450 mA | | **DC Resistance (Rdc)** | 0.22 Ω (Max) | | **Self-Resonant Frequency (SRF)** | 450 MHz | | **Quality Factor (Q min)** | 30 at 25.2 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### ### Component Breakdown 1. **Wire-Wound Construction**: Unlike multilayer inductors, this part uses a wire coiled around a ceramic or ferrite core. This design provides a higher **Q factor** (efficiency) and better current handling capabilities. 2. **Inductance Value (R33)**: The "R33" denotes 0.33 microhenries. The "R" acts as a decimal point. 3. **Tolerance (F)**: The "F" suffix indicates a very tight tolerance of **±1%**. This is critical for high-precision tuning circuits where frequency stability is required. 4. **1812 Footprint**: The dimensions are approximately 4.5mm x 3.2mm. It is large enough to handle moderate power but small enough for automated PCB assembly. --- ### ### Typical Applications * **RF Matching Networks**: Used in wireless communication devices to match impedance between stages. * **Filtering**: High-frequency noise suppression in power supply lines (DC-DC converters). * **Oscillators**: Part of the LC tank circuit for frequency generation. * **Signal Conditioning**: Ensuring signal integrity in telecommunications equipment. --- ### ### Sample Code: Inductive Reactance Calculation If you are designing a circuit with this part, you might need to calculate its reactance ($X_L$) at a specific frequency (e.g., 100 MHz) using Python: ```python import math def calculate_reactance(inductance_uh, frequency_mhz): # Convert to Henries and Hertz L = inductance_uh * 1e-6 f = frequency_mhz * 1e6 # XL = 2 * pi * f * L xl = 2 * math.pi * f * L return xl inductance = 0.33 # R33 freq = 100 # 100 MHz reactance = calculate_reactance(inductance, freq) print(f"Inductive Reactance at {freq}MHz: {reactance:.2f} Ohms") ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for the 1812 package size?
    • ⤷ How does the Q factor affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used in high-power LED driver circuits?