Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • W2CE-5AD-R

  • AI
    The **W2CE-5AD-R** is a specific electronic component, typically categorized as an **AC axial fan** or a thermal management solution, often manufactured by brands like **EBM-Papst** (or similar industrial manufacturers). These fans are designed for high-performance cooling in server racks, industrial cabinets, and telecommunications equipment. --- ## Technical Specifications The "W2CE" series generally refers to compact, high-speed AC fans. Below is a breakdown of the typical electronic and physical characteristics for this model: | Parameter | Typical Value / Description | |:---|:---| | **Input Voltage** | 230V AC (Standard for '5' series) | | **Frequency** | 50/60 Hz | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Frame Material** | Die-cast aluminum | | **Impeller Material** | Reinforced plastic or metal | | **Termination** | Lead wires or terminals (indicated by 'R') | | **Protection** | Impedance protected or Thermal protection | --- ## Electronic & Mechanical Components ### 1. Motor Structure The unit utilizes an **external rotor shaded-pole motor**. This design is compact because the stationary part (stator) is inside, and the rotating part (rotor) is on the outside, attached directly to the fan blades. This allows for excellent heat dissipation of the motor itself. ### 2. Bearing System The **"Ball Bearing"** system is a critical electronic-mechanical part. Unlike sleeve bearings, ball bearings allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan of the motor. ### 3. Connection and Control * **Wiring:** Usually features two lead wires for power input. * **Protection:** Includes internal impedance protection. If the fan blades are obstructed (locked rotor), the motor is designed not to overheat or catch fire by limiting the current flow. --- ## Typical Applications Because of its robust build and AC power requirements, the W2CE-5AD-R is commonly found in: 1. **Industrial Control Panels:** Moving air to prevent PLC overheating. 2. **Server Enclosures:** High-static pressure cooling for dense electronics. 3. **Power Supplies:** Cooling large transformers or rectifiers. 4. **Medical Equipment:** Reliable ventilation for diagnostic machines. --- ## Installation Code Breakdown While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **W2CE:** Series designation (Size/Type). * **5:** Often indicates the voltage class (e.g., 230V). * **AD:** Performance characteristics (Speed/Airflow). * **R:** Modification code (often refers to direction of airflow or terminal type).
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (airflow) rating for the W2CE-5AD-R?
    • ⤷ Is there a DC equivalent to this fan for lower power consumption?
    • ⤷ How do I wire this fan for a 115V system versus a 230V system?