Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • VPS200-R

  • AI
    The **VPS200-R** is a high-performance power supply unit (PSU) typically utilized in industrial automation, telecommunications, and high-reliability server environments. It is designed to convert AC input into stabilized DC output with high efficiency. --- ### Core Electronic Components and Specifications The VPS200-R is characterized by its robust electronic architecture. Below is a breakdown of its primary electronic specifications: | Component Category | Description/Specification | | :--- | :--- | | **Input Voltage Range** | 90V to 264V AC (Universal Input) | | **Output Voltage** | Typically 12V or 24V DC (Model dependent) | | **Power Rating** | 200 Watts (Continuous) | | **Cooling System** | Convection cooled or integrated fan support | | **Protection Circuitry** | Over-voltage, Over-current, and Short-circuit protection | | **Efficiency** | Often rated at >88% at full load | --- ### Key Internal Electronic Modules #### 1. EMI/EMC Filter Section Located at the input stage, these parts consist of **X and Y capacitors** and **common mode chokes**. Their purpose is to prevent electromagnetic interference from leaking back into the power grid and to protect the unit from external surges. #### 2. PFC (Power Factor Correction) The VPS200-R utilizes an **Active PFC circuit**. This involves an inductor and a MOSFET controller that aligns the current waveform with the voltage waveform, ensuring high efficiency and compliance with international energy standards. #### 3. Switching Topology It generally uses a **Forward or LLC Resonant converter** design. * **High-frequency Transformers:** Used for galvanic isolation between the primary (AC) and secondary (DC) sides. * **Switching MOSFETs:** High-speed transistors that toggle power at frequencies often exceeding 100kHz to reduce the physical size of the unit. #### 4. Secondary Rectification & Filtering To provide "clean" DC power, the unit employs: * **Schottky Diodes or Synchronous Rectifiers:** For low-loss conversion of AC pulses back to DC. * **Low-ESR Electrolytic Capacitors:** To smooth out voltage ripple and provide energy storage for load transients. --- ### Connector and Interface Pinout (General) While specific pinouts vary by manufacturer (e.g., if it is a CUI or generic industrial brand), the VPS200-R usually follows this standard: ```text Pin 1-2: DC Output (+) [Positive Rail] Pin 3-4: DC Output (-) [Return/Ground] Pin 5: Remote Sense [Voltage Compensation] Pin 6: Power Good [Signal for system health] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the VPS200-R?
    • ⤷ Can you provide a comparison between the VPS200-R and the VPS150 series?
    • ⤷ What are the common failure modes of the capacitors used in this unit?