TSOP772..W
AI

### Overview of the TSOP772..W Series
The **TSOP772..W** series consists of miniaturized IR receiver modules designed for infrared remote control systems. These devices integrate a photo detector and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
### Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the TSOP772..W components:
| Parameter | Value / Range |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.7 mA (typical) |
| **Carrier Frequency ($f_o$)** | 30 kHz to 56 kHz (model dependent) |
| **Transmission Distance** | Up to 45 meters |
| **Directivity** | $\pm$ 45 degrees |
| **Output Type** | Active Low |
---
### Internal Block Diagram Functions
The device contains several critical electronic sub-circuits to ensure reliable signal processing:
1. **Photo Diode:** Converts incoming infrared light into an electrical signal.
2. **Preamplifier:** Amplifies the weak signal from the photo diode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress noise from ambient light (like sunlight or fluorescent bulbs).
4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to reject interference.
5. **Demodulator:** Removes the carrier frequency and sends the data pulses to the output pin.
---
### Pin Configuration
The TSOP772..W typically uses a 3-pin layout:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **OUT** | Data Output (connects to MCU) |
| 2 | **GND** | Ground |
| 3 | **$V_S$** | Power Supply |
---
### Application Design Circuit
To ensure stable operation, a basic RC filter is recommended on the supply line to suppress power ripples.
```cpp
// Schematic representation
[ V_S (5V) ]----[ R1: 100 Ohm ]----+----[ Pin 3: Vs ]
|
[ C1: 4.7 uF ]
|
[ GND ]----------------------------+----[ Pin 2: GND ]
[ MCU Input ]---------------------------[ Pin 1: OUT ]
```
---
### Distinction: The "W" Suffix
The **"W"** in the part number indicates **Wideband** or improved immunity against noise. These versions are specifically designed to handle disturbances from energy-saving lamps (CFLs) and modern LCD backlighting, which often emit infrared interference.
- ⤷What are the differences between the TSOP772 and the TSOP774 series?
- ⤷ How do I choose the correct carrier frequency for my IR receiver?
- ⤷ Can the TSOP772..W be used for high-speed data transmission?