TS321L-AF5-R
AI

## TS321L-AF5-R: Technical Overview
The **TS321L-AF5-R** is a low-power, general-purpose operational amplifier (Op-Amp) designed for cost-effective and space-constrained applications. It is often considered a functional equivalent or a specialized version of the industry-standard LM321.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the TS321L-AF5-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Single Operational Amplifier |
| **Supply Voltage Range** | 3V to 32V (Single), ±1.5V to ±16V (Dual) |
| **Quiescent Current** | ~430 µA (Low power consumption) |
| **Gain Bandwidth Product** | 1 MHz |
| **Slew Rate** | 0.4 V/µs |
| **Input Offset Voltage** | 7 mV (Maximum) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal electronic architecture of the TS321L-AF5-R consists of several stages:
1. **Input Differential Stage:** Utilizes PNP transistors to allow the common-mode input voltage to include ground (0V) when operating from a single supply.
2. **Gain Stage:** Provides the bulk of the open-loop voltage gain (typically around 100 dB).
3. **Output Stage:** Designed to be short-circuit protected. It can swing near the negative rail (ground) but is not a "true" Rail-to-Rail output (it typically falls short of the positive rail by about 1.5V).
---
### 3. Pinout Configuration (SOT-25)
Standard configuration for the AF5 (SOT-25) package:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Amplifier Output |
| 2 | **V- / GND** | Negative Supply or Ground |
| 3 | **IN+** | Non-inverting Input |
| 4 | **IN-** | Inverting Input |
| 5 | **V+** | Positive Supply Voltage |
---
### 4. Common Applications
Due to its low power and wide supply range, the TS321L-AF5-R is frequently found in:
* **Battery-Powered Devices:** Low current draw extends battery life.
* **Sensor Signal Conditioning:** Used to amplify small signals from transducers.
* **Current Sensing:** Low-side current sensing in power supplies.
* **Active Filters:** Implementing low-pass or high-pass filters in audio or industrial equipment.
---
### 5. Part Number Breakdown
* **TS321:** Series identifier (Single Op-Amp).
* **L:** Low power / Low voltage variant.
* **AF5:** Package code for **SOT-25**.
* **R:** Tape and Reel packaging.
- ⤷
What are the main differences between the TS321 and the standard LM321?
- ⤷ Can this Op-Amp be used in a Rail-to-Rail input configuration?
- ⤷ What is the maximum output current this part can drive?