Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • TPCC-R-30A

  • AI
    ## TPCC-R-30A: Technical Overview The **TPCC-R-30A** is a specific model of a **Class CC Current-Limiting Time-Delay Fuse**. These are high-performance industrial fuses designed to provide superior protection for branch circuits and specialized equipment. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 30 Amperes | | **Voltage Rating (AC)** | 600 VAC | | **Voltage Rating (DC)** | 300 VDC | | **Interrupting Rating** | 200,000A (RMS Symmetrical) | | **Fuse Class** | Class CC | | **Characteristics** | Time-Delay (Slow-Blow) | | **Physical Size** | 13/32" x 1-1/2" (10.3 x 38.1 mm) | --- ### 2. Functional Electronic Components While a fuse may seem simple, the TPCC-R-30A utilizes specific metallurgical and physical designs to function as a safety component: * **The Element (Dual-Element Design):** * **Short-Circuit Section:** Usually made of high-conductivity silver or copper with specific "notches" that melt instantly during a massive surge. * **Overload Section:** A spring-loaded thermal mechanism or a specific solder alloy that handles temporary surges (like motor startups) without blowing, but opens if a moderate overload persists. * **The Body (Arc Quenching):** * The tube is typically made of high-grade **Melamine** or fiber. * The interior is filled with **silica sand** (granular quartz). When the fuse blows, the sand melts into glass, absorbing the energy and extinguishing the electrical arc. * **Rejection Feature:** * Class CC fuses feature a "rejection tip" (a physical groove/nib). This prevents lower-rated fuses (like Class M midget fuses) from being accidentally inserted into a Class CC holder, ensuring the safety integrity of the circuit. --- ### 3. Applications and Usage The TPCC-R-30A is specifically engineered for: 1. **Motor Branch Circuits:** Handling the high "in-rush" current when a motor starts. 2. **Control Transformers:** Protecting sensitive coils from short circuits. 3. **Space-Constrained Panels:** Providing high interrupting capacity in a very small physical footprint. 4. **Inductive Loads:** Any circuit with solenoids or relays that requires a "time-delay" to avoid nuisance tripping. --- ### 4. Comparison: Time-Delay vs. Fast-Acting | Feature | TPCC-R-30A (Time-Delay) | Standard Fast-Acting Fuse | | :--- | :--- | :--- | | **Response to 200% Load** | Holds for several seconds | Blows almost instantly | | **Response to Short Circuit** | Instantaneous | Instantaneous | | **Best Use Case** | Motors, Transformers | Resistive loads, Electronics |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class CC fuse and a Midget fuse?
    • ⤷ How does the 'rejection' feature work in a fuse holder?
    • ⤷ Can I use a 30A Class CC fuse in a DC solar application?