T89C51RC2-RLSIL
AI

The **T89C51RC2-RLSIL** is a high-performance CMOS 8-bit microcontroller based on the 80C51 architecture. It is a popular legacy part originally manufactured by Atmel (now Microchip). It is known for its high speed (X2 mode) and Flash memory capabilities.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Architecture** | 80C51 (8-bit) |
| **Flash Memory** | 32 KB (Internal Program Memory) |
| **RAM** | 512 Bytes (256B standard + 256B expanded) |
| **Operating Voltage** | 3.0V to 5.5V |
| **Max Frequency** | 40 MHz (Standard) / 20 MHz (X2 mode) |
| **Package Type** | VQFP-44 (RL suffix indicates 44-lead VQFP) |
| **I/O Pins** | 32 Programmable I/O lines |
| **Timers** | Three 16-bit Timer/Counters |
---
### 2. Core Electronic Components & Features
#### A. The X2 Core
One of the most significant features of the "RC2" series is the **X2 mode**. In a standard 8051, a machine cycle takes 12 clock periods. In X2 mode, the CPU can achieve the same instruction speed using only 6 clock periods, effectively doubling the performance at the same crystal frequency or reducing power consumption by lowering the frequency.
#### B. Memory Structure
* **Flash (32 KB):** Supports In-System Programming (ISP), allowing the chip to be programmed via a serial link without removing it from the PCB.
* **EEPROM:** It includes 2 KB of EEPROM for non-volatile data storage (parameters, calibration data).
* **Expanded RAM (ERAM):** Accessed via the `MOVX` instruction, providing more workspace than the traditional 128/256 bytes of the original 8051.
#### C. Peripheral Set
* **PCA (Programmable Counter Array):** Provides high-speed output, pulse width modulation (PWM), and watchdog timer capabilities.
* **UART:** A full-duplex enhanced UART with baud rate generator and framing error detection.
* **Interrupts:** 9 interrupt sources with 4 priority levels.
* **SPI Interface:** Allows high-speed synchronous data transfer between the MCU and peripheral devices (like sensors or SD cards).
---
### 3. Pinout Configuration (VQFP-44)
The "RL" in the part number denotes the **44-lead VQFP** (Very Thin Quad Flat Pack). Key pin groupings include:
1. **Port 0-3:** General-purpose I/O. Port 0 is open-drain; Ports 1, 2, and 3 have internal pull-ups.
2. **RST:** Reset input (High for at least two machine cycles to reset).
3. **ALE/PROG:** Address Latch Enable; used for de-multiplexing the address/data bus.
4. **PSEN:** Program Store Enable; the read strobe to external program memory.
5. **XTAL1/XTAL2:** Connections for the crystal oscillator.
---
### 4. Part Number Breakdown
```text
T 89 C 51 RC2 - R L S I L
| | | | | | | | | |
| | | | | | | | | +-- Lead Free (RoHS)
| | | | | | | | +---- Industrial Temp (-40C to +85C)
| | | | | | | +------ Speed (40MHz)
| | | | | | +-------- VQFP Package
| | | | | +---------- Package code
| | | | +---------------- 32KB Flash / 512B RAM
| | | +------------------- 8051 Architecture
| | +--------------------- CMOS Technology
| +------------------------ Flash Microcontroller
+-------------------------- Atmel/Microchip Prefix
```
---
- ⤷How do I program the T89C51RC2 using ISP?
- ⤷ What are the main differences between T89C51RC2 and AT89S52?
- ⤷ Can this microcontroller operate at 3.3V and 5V logic?