Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • SVB-30-R

  • AI
    The **SVB-30-R** is a specific model of an **Electric Vibratory Bowl Feeder** drive base, typically manufactured by companies like Shinko or specialized industrial automation suppliers. These units are designed to orient and convey small parts using electromagnetic vibrations. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Base Diameter** | 300 mm (approx.) | | **Power Supply** | 100V - 220V AC (Model dependent) | | **Vibration Frequency** | Half-wave (50/60 Hz) or Full-wave | | **Material** | Cast iron or aluminum base with rubber isolators | | **Direction** | Clockwise (R = Right/Clockwise rotation) | --- ### 2. Main Electronic & Electromechanical Components The SVB-30-R operates on the principle of electromagnetic attraction and spring-loaded repulsion. #### A. Electromagnetic Coil (The Drive) The "heart" of the unit is a heavy-duty copper coil. When AC current passes through it, it creates a pulsing magnetic field that pulls the top mass (the bowl) downward. * **Encapsulation:** Usually epoxy-resin molded to prevent moisture ingress and vibration damage. #### B. Leaf Springs (The Resonator) While mechanical, these act as the "oscillator" circuit of the system. * **Function:** They store potential energy when the magnet pulls down and release it to flick the bowl upward and forward. * **Tuning:** The number and thickness of these plates determine the resonant frequency. #### C. Controller (External Unit) The SVB-30-R requires a dedicated electronic controller (e.g., a **Thyristor/SCR Voltage Regulator**) to function. * **Voltage Control:** Adjusts the amplitude of the vibration. * **Frequency Adjustment:** Higher-end controllers (Digital Inverters) allow you to change the frequency to match the natural resonance of the bowl, regardless of the 50/60Hz mains power. #### D. Rubber Feet (Isolators) These prevent the high-frequency vibrations from transferring to the machine frame or table, ensuring the energy stays within the bowl assembly. --- ### 3. Basic Wiring Diagram Concept The unit is typically wired with a simple 3-wire system (Live, Neutral, Ground) leading back to the controller. ```markdown [ AC Power ] ---> [ Controller (Potentiometer/Digital) ] ---> [ SVB-30-R Coil ] | [ Grounding ] ``` ### 4. Maintenance & Safety Tips * **Air Gap:** The electronic efficiency depends on the "Air Gap" (the distance between the magnet and the striker plate). It must be set precisely (usually 0.6mm - 1.2mm). * **Heat Dissipation:** Ensure the base is not enclosed in a non-ventilated area, as the coil generates heat during continuous operation. * **Coil Resistance:** If the unit fails to vibrate, check the coil resistance with a multimeter; an "Open" reading indicates a burnt-out coil. ---
    ✨ Follow-up Questions
    • ⤷How do I adjust the air gap on an SVB-30-R?
    • ⤷What are the most compatible digital controllers for this model?
    • ⤷How do I calculate the resonant frequency for a specific bowl weight?