STSM-31-R
AI

The **STSM-31-R** is a specific electronic component belonging to the category of **Slide Switches**. It is a sub-miniature, surface-mount (SMT) component designed for small-scale electronic devices where space is at a premium.
---
## 1. Technical Specifications
Below are the typical technical parameters for the STSM-31-R series:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SP3T (Single Pole, Triple Throw) |
| **Mounting Type** | Surface Mount (SMD/SMT), Right Angle |
| **Current Rating** | 300mA |
| **Voltage Rating** | 6V DC |
| **Contact Resistance** | 70 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min at 500V DC |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Operating Life** | 10,000 Cycles |
---
## 2. Key Electronic Components & Features
### A. SP3T Configuration
The "31" in the part number typically denotes a **Single Pole, Three Throw** configuration. This means the switch has one input (common) and can be toggled between three different output positions.
### B. Right-Angle Actuation
The "R" suffix usually indicates a **Right-Angle** orientation. This means the actuator (the slider) moves parallel to the PCB surface, and the handle protrudes from the side of the board. This is ideal for side-access controls on handheld devices.
### C. Surface Mount Technology (SMT)
The part is designed with "Gull-wing" or flat leads. This allows for automated pick-and-place assembly and reflow soldering, which is standard in modern electronics manufacturing.
---
## 3. Terminal Layout (Conceptual)
Internally, the switch connects a common pin to one of three terminals depending on the slider position:
```text
Position 1: Pin 1 <-> Common
Position 2: Pin 2 <-> Common
Position 3: Pin 3 <-> Common
```
---
## 4. Common Applications
* **Consumer Electronics:** Power on/off/standby switches for MP3 players or cameras.
* **Mode Selection:** Switching between different operating modes (e.g., Off/Low/High) in small appliances.
* **Telecommunications:** Channel selection or settings configuration in mobile peripherals.
* **Medical Devices:** Small handheld diagnostic tools requiring compact interfaces.
- ⤷
What is the footprint size of the STSM-31-R for PCB layout?
- ⤷ What are the recommended reflow soldering temperature profiles for this switch?
- ⤷ Are there waterproof (IP-rated) versions of the STSM-31-R?