STR3
AI

The **STR3** series (specifically the STR-W, STR-A, or STR-L families manufactured by Sanken Electric) refers to a specialized line of **Power ICs** used in switching mode power supplies (SMPS).
These are known as "Power ICs" because they integrate both the control circuitry and a high-voltage power MOSFET into a single package.
---
### 1. Key Internal Components
An STR3-series chip typically contains the following electronic blocks:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | The switching element that handles high voltage (often 650V to 800V). |
| **PWM Controller** | Pulse Width Modulation circuit that regulates the output voltage. |
| **Startup Circuit** | High-voltage internal circuitry to start the device without external resistors. |
| **Protection Logic** | Circuits for Overvoltage (OVP), Overcurrent (OCP), and Thermal Shutdown (TSD). |
---
### 2. Functional Characteristics
The STR3 series is designed for efficiency and space-saving in power adapters.
* **Integrated Design:** By combining the controller and the power transistor, it reduces the "bill of materials" (BOM) and saves PCB space.
* **Green Mode:** Many STR3 variants feature a "Burst Mode" or "Frequency Skipping" to reduce power consumption during standby or light loads.
* **Current Mode Control:** Most use peak current mode control for stable operation and fast response to load changes.
---
### 3. Common Pin Configuration (Example: STR-W6000 Series)
While specific pinouts vary by model, a typical STR-series 3-pin or 5-pin TO-220/TO-3P package includes:
| Pin Name | Description |
| :--- | :--- |
| **D/ST** | Drain / Startup. Connected to the rectified high-voltage DC bus. |
| **S/OCP** | Source / Overcurrent Protection. Connected to ground via a sensing resistor. |
| **VCC** | Power supply for the internal control circuit. |
| **FB** | Feedback. Receives signals from the optocoupler to regulate output. |
| **GND** | Ground reference for the control section. |
---
### 4. Applications
These parts are ubiquitous in consumer electronics due to their reliability:
1. **TV Power Supplies:** Main or standby power blocks.
2. **Home Appliances:** Washing machines and air conditioner control boards.
3. **AC Adapters:** Laptop chargers and peripheral power bricks.
4. **Office Automation:** Printers and scanners.
---
### 5. Troubleshooting Tips
If you are repairing a board with an STR3 series IC, check the following:
* **VCC Voltage:** If the IC isn't starting, check the electrolytic capacitor on the VCC pin.
* **Source Resistor:** A blown STR3 often kills the low-ohm sensing resistor connected to the Source pin.
* **Startup Resistors:** In older STR models, external high-value resistors can go open-circuit, preventing the IC from waking up.
- ⤷
What is the difference between the STR-W and STR-A series?
- ⤷ How do I test if an STR3 power IC is faulty using a multimeter?
- ⤷ Can I substitute an STR-W6051 with an STR-W6053?