Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • STDRIVEG600TR

  • AI
    ## Overview of STDRIVEG600TR The **STDRIVEG600TR** is a high-speed, high-voltage gate driver specifically designed to drive **GaN (Gallium Nitride)** enhancement mode (e-mode) power transistors or N-channel silicon MOSFETs. It is a half-bridge driver optimized for high-frequency switching applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Configuration** | Half-Bridge (High-Side and Low-Side) | | **Operating Voltage (Vcc)** | Up to 20V | | **High-Side Offset Voltage** | 600V (Max) | | **Output Current** | 1.3A Source / 1.9A Sink | | **Propagation Delay** | 45 ns (Typical) | | **d v/dt Immunity** | 100 V/ns | | **Package** | SO-8 / SOIC-8 | --- ### Functional Components & Features The device integrates several critical electronic sections to ensure efficient power management: #### 1. Input Logic Section * **TTL/CMOS Compatibility:** The input pins are compatible with low-voltage logic (3.3V or 5V), allowing direct connection to microcontrollers (MCUs) or PWM controllers. * **Interlocking/Deadtime:** It includes an internal interlocking mechanism that prevents both high-side and low-side outputs from being high simultaneously (preventing shoot-through). #### 2. High-Side Section * **Floating Channel:** Designed to operate up to 600V. It uses a bootstrap technique to supply power to the high-side circuitry. * **UVLO (Under Voltage Lockout):** Dedicated protection on the high-side ensures the GaN FET is not turned on if the driving voltage is too low, preventing potential damage. #### 3. Low-Side Section * **Synchronous Drive:** Works in tandem with the high-side. It also features its own UVLO protection. #### 4. Integrated Bootstrap Diode * The STDRIVEG600TR features an **integrated high-voltage bootstrap diode**. This reduces the Bill of Materials (BOM) cost and saves PCB space by eliminating the need for an external diode. --- ### Application Circuit Example The following is a simplified representation of how the STDRIVEG600TR is wired in a standard half-bridge configuration: ```text [VCC] ----+---------+ | | [VDD] [BOOTSTRAP CAP] | | [PWM IN]--| STDRIVE |--[HO] --> [High-Side GaN Gate] | G600TR |--[HS] --> [Switching Node / Source] | | | |--[LO] --> [Low-Side GaN Gate] +---------+ ``` --- ### Primary Use Cases * **High-Frequency Converters:** Suitable for DC-DC converters where GaN is used for high efficiency. * **Wireless Charging:** High-speed switching capabilities fit resonant wireless power transfer. * **SMPS (Switched-Mode Power Supplies):** Used in server power supplies and adapters. * **Motor Drives:** Efficient driving of motors in compact industrial applications.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using GaN FETs over standard Silicon MOSFETs with this driver?
    • ⤷ How does the 'interlocking function' specifically prevent shoot-through in the STDRIVEG600TR?
    • ⤷ What is the recommended value for the bootstrap capacitor in a typical 600V application?