Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • ST6129T-R

  • AI
    The **ST6129T-R** is a specific electronic component, typically categorized as a **Micro-Transformer** or an **Isolation Transformer**, often used in telecommunication and networking hardware (such as ADSL/VDSL splitters or modem circuits). --- ### 1. Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like *Sumida* or *Pulse*), the general characteristics are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Transformer | | **Application** | Signal Isolation / Impedance Matching | | **Configuration** | Usually 1:1 or specific step-up/down ratios for DSL | | **Standard Compliance** | RoHS Compliant | | **Mounting Style** | Gull-wing leads for SMT | --- ### 2. Key Internal Components The ST6129T-R is composed of several critical sub-parts that define its performance: 1. **Ferrite Core**: A high-permeability magnetic core (usually Toroidal or E-core shape) that facilitates the transfer of electromagnetic energy between windings while minimizing losses. 2. **Copper Windings**: Precise turns of enameled copper wire. The "T" in the part number often signifies specific tapping or thermal ratings. 3. **Encapsulation/Housing**: A heat-resistant plastic or epoxy molding that protects the internal wires from moisture and mechanical stress. 4. **Terminals**: Tin-plated leads designed for high-quality solder joints during the Reflow Soldering process. --- ### 3. Common Applications This part is generally found in high-frequency signal processing environments: * **Modems & Routers**: Used to isolate the sensitive digital circuitry from the analog telephone line (PSTN). * **Impedance Matching**: Ensuring maximum power transfer between the line and the receiver. * **Noise Suppression**: Acting as a filter to prevent high-frequency electromagnetic interference (EMI) from entering the data stream. --- ### 4. Layout and Handling Considerations * **Polarity**: Pay close attention to the "Dot" or notch on the package, which indicates Pin 1 for correct phase orientation. * **Soldering**: As an SMD component, it is sensitive to the reflow temperature profile. Excessive heat can damage the internal wire insulation.
    ✨ Follow-up Questions
    • ⤷What is the typical turns ratio for the ST6129T-R?
    • ⤷ Can this component be used in Power Over Ethernet (PoE) applications?
    • ⤷ What are the common substitutes or equivalents for this transformer?