Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • SS41-R

  • AI
    ## Technical Overview: SS41-R Hall Effect Sensor The **SS41-R** is a small, versatile, digital bipolar Hall-effect sensor manufactured by Honeywell. It is designed to respond to alternating North and South magnetic poles. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the SS41-R: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5 Vdc to 24.0 Vdc | | **Output Type** | Digital (Open Collector) | | **Magnetic Actuation** | Bipolar (Responds to N and S poles) | | **Operating Current** | 6.8 mA (typical) | | **Output Current (Sink)** | 20 mA maximum | | **Operating Temperature** | -40°C to 150°C (-40°F to 302°F) | | **Response Time** | 1.5 µs | --- ### 2. Physical Components & Pinout The SS41-R is typically housed in a **TO-92** style (flat TO-92) plastic package. The pin configuration, when looking at the branded face (front) of the sensor, is as follows: 1. **Pin 1 (Vcc):** Positive power supply (4.5V to 24V). 2. **Pin 2 (Ground):** Connected to the circuit common. 3. **Pin 3 (Output):** Digital signal output. --- ### 3. Functional Mechanism * **Bipolar Operation:** This sensor turns **ON** when exposed to a South magnetic pole and remains ON until it is exposed to a North magnetic pole, which turns it **OFF**. * **Open Collector Output:** The output acts like a switch to ground. Because it is an open collector, a **pull-up resistor** is required between the Output pin and Vcc to define the "High" voltage state when the sensor is off. * **Built-in Protection:** The device includes integrated circuitry for temperature compensation and a voltage regulator to ensure stable operation across its power range. --- ### 4. Implementation Example To interface the SS41-R with a microcontroller (like an Arduino), a pull-up resistor (usually 10kΩ) is necessary. ```cpp // Example: Basic Digital Read for SS41-R const int hallPin = 2; // Connected to Pin 3 of SS41-R void setup() { pinMode(hallPin, INPUT_PULLUP); // Use internal pull-up if external is missing Serial.begin(9600); } void loop() { int state = digitalRead(hallPin); if (state == LOW) { Serial.println("South Pole Detected (ON)"); } else { Serial.println("North Pole Detected or Neutral (OFF)"); } delay(100); } ``` --- ### 5. Common Applications * **Brushless DC (BLDC) Motor Commutation:** Sensing rotor position for motor timing. * **Speed and RPM Sensing:** Measuring the rotation of gears or shafts. * **Flow Rate Sensing:** Used in water meters with rotating internal magnets. * **Position Sensing:** Detecting the proximity of moving mechanical parts.
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor when using a 5V supply?
    • ⤷ How does the SS41-R differ from a Unipolar Hall effect sensor?
    • ⤷ Can the SS41-R be used to measure the strength of a magnetic field linearly?