Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • SDCL1V2512-R68N-R

  • AI
    The **SDCL1V2512-R68N-R** is a high-performance, surface-mount multilayer ceramic chip inductor designed for high-frequency applications. It is part of Sunlord's SDCL series, which focuses on miniaturization and high reliability. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its core physical and electrical properties: | Part Segment | Meaning | Specification | | :--- | :--- | :--- | | **SDCL** | Series Name | Multilayer Ceramic Chip Inductor | | **1V** | Voltage/Material | High-Frequency Ceramic material | | **2512** | Case Size (Imperial) | **2.5 x 1.2 mm** (Standard 1005 Metric) | | **R68** | Inductance Value | **0.68 µH** (680 nH) | | **N** | Tolerance | **±30%** (Standard for these parts) | | **-R** | Packaging | **Taping/Reel** (Standard for SMT) | --- ### 2. Electrical Characteristics These parameters determine how the component behaves in a circuit: * **Inductance:** 0.68 µH (measured at specific frequency, typically 25 MHz). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Self-Resonant Frequency (SRF):** High SRF ensures the inductor maintains its inductive properties without becoming capacitive at high frequencies. * **Rated Current:** The maximum continuous DC current the inductor can handle without exceeding a specific temperature rise (usually 40°C). --- ### 3. Key Features and Construction * **Monolithic Structure:** The inductor is created by layering ceramic materials and internal electrodes, resulting in a solid, robust block. * **Magnetic Shielding:** Due to the multilayer construction, it has an effective closed magnetic circuit, minimizing electromagnetic interference (EMI) with surrounding components. * **No Polarity:** These devices are non-polarized, making them easy to place during SMT assembly. * **Lead-Free:** Fully compliant with RoHS and REACH standards. --- ### 4. Common Applications This specific inductor size and value are frequently found in: 1. **RF Circuits:** Impedance matching and resonance in mobile phones and Wi-Fi modules. 2. **Filtering:** Suppressing high-frequency noise in power lines for CPUs and memory modules. 3. **Bluetooth Devices:** Compact wireless gadgets where PCB space is limited. 4. **Signal Integrity:** Maintaining clean signals in high-speed data transmission lines. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the SDCL1V2512-R68N-R?
    • ⤷ How does the Q-factor of this inductor affect its performance in RF circuits?
    • ⤷ Can this inductor be used as a direct replacement for a wire-wound inductor of the same value?