SDCL1V2512-R47N-R
AI

The **SDCL1V2512-R47N-R** is a high-frequency, multilayer ceramic chip inductor typically used in communication modules and high-speed signal processing.
### 1. General Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH (470 nH) |
| **Tolerance** | ±30% (N) |
| **Package Size (Metric)** | 2512 (2.5mm x 1.2mm) |
| **Package Size (Imperial)** | 1005 |
| **Operating Temperature** | -55°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
* **SDCL**: Series Code (Multilayer Chip Inductor for high frequency).
* **1V**: Voltage/Internal Designator (specific to the manufacturer's process).
* **2512**: Dimensions (Length 2.5mm x Width 1.2mm).
* **R47**: Inductance Value. "R" acts as the decimal point (0.47 µH).
* **N**: Tolerance (±30%).
* **R**: Packaging Style (usually refers to Tape & Reel).
---
### 3. Key Characteristics
* **Multilayer Structure:** Unlike wire-wound inductors, these are constructed by layering ceramic materials and screen-printing conductive patterns. This results in high reliability and a compact form factor.
* **High Self-Resonant Frequency (SRF):** Designed for high-frequency applications where the inductor needs to maintain its inductive properties without turning capacitive.
* **Magnetic Shielding:** The multilayer construction provides a degree of self-shielding, reducing electromagnetic interference (EMI) with neighboring components.
---
### 4. Typical Applications
These inductors are commonly found in:
1. **Mobile Communication:** Cell phones, GPS modules, and Bluetooth devices.
2. **High-Speed Signal Lines:** Filtering noise in digital circuits.
3. **WLAN/Wi-Fi Modules:** Matching circuits and resonance circuits in wireless networking hardware.
- ⤷
What is the maximum DC current rating for the SDCL1V2512 series?
- ⤷ How does a multilayer inductor compare to a wire-wound inductor in terms of Q-factor?
- ⤷ What are the common alternatives for the 2512 package size in smaller circuits?