SD3814-R82-R
AI

## Overview of the SD3814-R82-R
The **SD3814-R82-R** is a high-performance, low-profile, shielded drum core inductor. It belongs to the **SD3814 series** manufactured by **Eaton (formerly Coiltronics)**. These components are designed for power management applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the SD3814-R82-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.035 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 2.56 A (10% drop) / 3.25 A (30% drop) |
| **RMS Current ($I_{rms}$)** | 2.12 A (Temperature rise of 40°C) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (LxWxH)** | 4.0mm x 4.0mm x 1.4mm |
| **Shielding** | Ferrite Core (Magnetically Shielded) |
---
### Key Features
1. **Low Profile:** With a height of only 1.4mm, it is ideal for thin consumer electronics like smartphones, tablets, and wearable devices.
2. **Magnetic Shielding:** The ferrite drum core is enclosed, significantly reducing EMI. This is crucial for circuits where components are densely packed.
3. **High Current Handling:** Despite its small footprint, it manages high saturation currents, making it efficient for high-frequency DC-DC converters.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### Typical Applications
The SD3814-R82-R is commonly integrated into the following systems:
* **Buck/Boost Converters:** Used as the energy storage element in voltage regulators.
* **Mobile Devices:** Powering CPUs and displays in handheld electronics.
* **Battery Powered Equipment:** Where high efficiency and low DCR are needed to extend battery life.
* **LED Drivers:** Providing stable current for lighting modules.
---
### Internal Structure & Materials
The component consists of a **ferrite core** wound with copper wire. The entire assembly is encapsulated in a magnetic resin or a ferrite jacket. The terminals are typically gold-plated or tin-plated for reliable surface mount (SMT) soldering.
---
- ⤷
What is the difference between Isat and Irms in the context of this inductor?
- ⤷ Can you provide a footprint recommendation for the SD3814 series?
- ⤷ How does the 0.82 uH inductance value affect the ripple current in a buck converter?