Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • RS3JB-13

  • AI
    ## Technical Overview of RS3JB-13 The **RS3JB-13** is a surface-mount fast recovery rectifier diode. It is widely used in power management circuits where high efficiency and rapid switching are required. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Part Number** | RS3JB-13 | Standard Identification | | **Package Type** | SMB (DO-214AA) | Surface Mount Device | | **Forward Current ($I_F$)** | 3.0 Amperes | Maximum average rectified current | | **Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts | Maximum repetitive reverse voltage | | **Reverse Recovery Time ($t_{rr}$)** | 150 - 500 ns | Time taken to stop conducting | | **Forward Voltage Drop ($V_F$)** | ~1.3V | Typical voltage loss during conduction | | **Operating Temperature** | -65°C to +150°C | Thermal range for safe operation | --- ### 2. Functional Description The "RS" series stands for **Fast Recovery Rectifier**. Unlike standard diodes, these are designed to switch from a conducting state to a blocking state very quickly. * **Fast Recovery:** This reduces energy loss (switching losses) during high-frequency operation. * **Glass Passivated Die Construction:** The internal silicon chip is protected by a glass layer, ensuring high reliability and low leakage current. * **Polarity:** The cathode is denoted by a band on the body of the SMB package. --- ### 3. Common Applications Due to its 600V rating and 3A capacity, it is commonly found in: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in AC-DC converters. 2. **Inverters:** Managing power flow in DC-AC conversion. 3. **Freewheeling Diode:** Protecting circuits from inductive "kickback" in motors or relays. 4. **DC-DC Converters:** High-frequency voltage regulation. --- ### 4. PCB Footprint (SMB Package) The SMB package is popular because it provides a balance between size and power dissipation. ```text Top View +------------+ | | [ | [Band] | ] <-- Cathode (-) | | +------------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RS3JB and the standard RS3M?
    • ⤷ Can the RS3JB be used in automotive applications?
    • ⤷ What is the recommended solder profile for the SMB package?