Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • RQ73C2B412RBTDF

  • AI
    The **RQ73C2B412RBTDF** is a high-precision, automotive-grade thin film chip resistor manufactured by **TE Connectivity**. It belongs to the RQ73 series, which is designed for applications requiring high stability and reliability. --- ### 1. Technical Specifications Breakdown The part number can be decoded to understand its specific electronic characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 412 $\Omega$ | Identified by "412R" | | **Tolerance** | ±0.1% | High precision (B tolerance) | | **Power Rating** | 0.25 W (1/4 Watt) | Power handling capacity at 70°C | | **Case Size** | 1206 | Imperial dimensions (3.2 x 1.6 mm) | | **Temp. Coefficient (TCR)** | ±10 ppm/°C | Extremely low drift over temperature | | **Voltage Rating** | 200V | Maximum continuous working voltage | | **Operating Temp.** | -55°C to +155°C | Robust range for industrial/auto use | --- ### 2. Key Internal Construction Unlike standard thick film resistors, this part uses **Thin Film Technology**: * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. * **Resistive Element:** A thin layer of Nichrome (NiCr) deposited via sputtering. This allows for the high precision (0.1%) and the very low Temperature Coefficient (10 ppm). * **Protective Coating:** Multiple layers of epoxy resin to protect against moisture and mechanical stress. * **Terminations:** Lead-free (Matte Tin over Nickel) for RoHS compliance. --- ### 3. Application Areas Due to its high stability and AEC-Q200 qualification, this component is typically used in: 1. **Automotive Systems:** Battery management systems (BMS), engine control units, and ADAS sensors. 2. **Medical Instrumentation:** Precision monitoring equipment where resistance drift must be minimized. 3. **Measurement Gear:** Scales, multimeters, and data acquisition systems. 4. **Industrial Controls:** Feedback loops for high-accuracy motor controllers. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | RQ73 (Thin Film) | Standard (Thick Film) | | :--- | :--- | :--- | | **Precision** | Very High (up to 0.05%) | Low/Moderate (1% to 5%) | | **TCR (Stability)** | 10 ppm/°C | 100 - 200 ppm/°C | | **Noise** | Very Low | Higher | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the difference between AEC-Q200 and standard industrial ratings for this resistor?
    • ⤷ How does the 1206 package size compare to 0805 in terms of power dissipation?
    • ⤷ What are the specific storage requirements to prevent oxidation of the terminations?