Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • RNCF0805BTC412R

  • AI
    The **RNCF0805BTC412R** is a high-precision thin-film chip resistor manufactured by Stackpole Electronics. It is designed for applications where stability, low noise, and tight tolerances are critical. --- ### 1. Part Number Breakdown Understanding the alphanumeric code reveals the specific characteristics of the component: | Segment | Value | Description | | :--- | :--- | :--- | | **RNCF** | Series | Precision Thin Film Surface Mount Chip Resistor | | **0805** | Case Size | 0805 Imperial (2012 Metric); Dimensions: 2.0mm x 1.25mm | | **B** | Tolerance | ±0.1% (Very High Precision) | | **T** | Packaging | Tape & Reel | | **C** | TCR | ±50 ppm/°C (Temperature Coefficient of Resistance) | | **412R** | Resistance | 412 Ohms ($\Omega$) | --- ### 2. Technical Specifications The RNCF series is known for its reliability under environmental stress. Below are the core electrical ratings: * **Resistance:** 412 $\Omega$ * **Power Rating:** 0.125W (1/8 Watt) at 70°C * **Maximum Working Voltage:** 150V * **Operating Temperature Range:** -55°C to +155°C * **Construction:** Thin film (NiCr resistive layer on a ceramic substrate) --- ### 3. Key Features and Applications #### Features * **Precision:** The 0.1% tolerance ensures that the actual resistance is between 411.588 $\Omega$ and 412.412 $\Omega$. * **Stability:** Thin film technology provides better aging characteristics and lower noise compared to standard thick film resistors. * **Sulfur Resistance:** Designed to withstand harsh environments where sulfur contamination might cause resistor failure. #### Typical Applications 1. **Medical Equipment:** Monitoring devices requiring high signal integrity. 2. **Instrumentation:** Precision scales, multimeters, and sensor bridges. 3. **Audio Circuits:** Low-noise signal paths in high-end audio processing. 4. **Automotive:** Control units where thermal stability is necessary. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | RNCF (Thin Film) | Standard (Thick Film) | | :--- | :--- | :--- | | **Tolerance** | High (0.01% to 1%) | Low (1% to 5%) | | **TCR (Stability)** | Excellent (low ppm) | Moderate (high ppm) | | **Noise** | Very Low | Moderate | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to RNCF0805BTC412R if a higher power rating is needed?
    • ⤷ How does the Temperature Coefficient of Resistance (TCR) affect this resistor's performance?
    • ⤷ What is the soldering footprint for an 0805 package?