Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • RJK0393DPA_13

  • AI
    The **RJK0393DPA** is a high-performance, N-channel Power MOSFET designed primarily for high-efficiency power conversion applications. It is commonly used in DC-DC converters for computers, servers, and telecommunications equipment. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 30 | V | | **Continuous Drain Current** | $I_D$ | 40 | A | | **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 2.8 (typ) | mΩ | | **Gate-to-Source Leakage Current** | $I_{GSS}$ | ±100 | nA | | **Total Gate Charge** | $Q_g$ | 18 | nC | | **Package Type** | WPAK | SOP-8 | - | --- ### 2. Physical Design and Pinout The RJK0393DPA is housed in a **WPAK (Wide Package)**, which is an advanced surface-mount package designed for superior thermal dissipation compared to standard SO-8 packages. * **Pins 1, 2, 3:** Source (S) * **Pin 4:** Gate (G) * **Pins 5, 6, 7, 8:** Drain (D) - Connected to the large thermal pad on the bottom. --- ### 3. Core Features and Benefits 1. **Low On-Resistance ($R_{DS(on)}$):** At only 2.8 mΩ, it minimizes conduction losses, making it highly efficient during high-current operation. 2. **High-Speed Switching:** Optimized for high-frequency switching applications, reducing energy loss during the transition between "on" and "off" states. 3. **WPAK Package:** The underside features a large metal pad that is soldered directly to the PCB, providing a low thermal resistance path to keep the component cool. 4. **Logic Level Drive:** It can be fully driven with 4.5V at the gate, making it compatible with many PWM controllers. --- ### 4. Typical Application Circuit The RJK0393DPA is frequently found in **Synchronous Buck Converters** (Voltage Regulator Modules - VRMs). ```c // Schematic Representation of a Buck Converter Stage [Vin] ----> [High-side MOSFET] ----+---- [Inductor] ----> [Vout] | [RJK0393DPA] (Low-side/Sync Rectifier) | [GND] ``` --- ### 5. Summary The RJK0393DPA is a "Workhorse" MOSFET for modern power electronics. Its combination of high current handling (40A) and very low internal resistance makes it ideal for CPU power delivery and high-efficiency power supplies.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFETs if the RJK0393DPA is out of stock?
    • ⤷ How does the WPAK package compare to a standard TO-220 in terms of thermal performance?
    • ⤷ What is the maximum gate-source voltage recommended for this part?