PWR13JTRC1O2201
AI

The part number **PWR13JTRC1O2201** refers to a high-power wirewound resistor typically manufactured by brands like Bourns or specialized power component manufacturers. Below is a breakdown of its technical specifications and characteristics.
---
### 1. Part Number Breakdown
While specific manufacturer prefixes can vary slightly, this series follows a standard nomenclature for power resistors:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PWR** | Series | Power Wirewound Resistor series. |
| **13** | Size/Package | Refers to the physical dimensions and power rating (Standardized size). |
| **J** | Tolerance | Indicates a **±5%** resistance tolerance. |
| **TR** | Packaging | Tape and Reel (designed for automated surface mount assembly). |
| **C** | Configuration | Ceramic core or specific coating type. |
| **1O2201** | Resistance Code | Decoded as **220 Ohms** (220 followed by 1 zero). |
---
### 2. Technical Specifications
This component is designed to handle significant heat and current compared to standard film resistors.
* **Type:** Surface Mount (SMD) Wirewound Resistor.
* **Resistance:** 220 Ω (Ohms).
* **Tolerance:** ±5%.
* **Power Rating:** Typically ranges from **1W to 3W** depending on the specific "13" size enclosure and PCB heat-sinking.
* **Temperature Coefficient:** Usually low (±20 to ±100 ppm/°C), providing stability across temperature changes.
* **Construction:** A resistive wire is wound around a ceramic core and encased in a flameproof molded package.
---
### 3. Key Features & Applications
#### Features
* **Surge Capability:** Wirewound resistors are excellent at handling high-energy surges and pulses that would destroy thin-film resistors.
* **Heat Dissipation:** Designed with materials that transfer heat efficiently to the PCB.
* **Flameproof:** The molded casing prevents the component from catching fire under extreme overload conditions.
#### Common Applications
1. **Power Supplies:** Used as a "bleeder" resistor or for inrush current limiting.
2. **Motor Controls:** Used in snubbers or current sensing.
3. **Industrial Electronics:** Ideal for harsh environments where physical durability and thermal stability are required.
4. **Automotive:** Power management modules.
---
### 4. Comparison Table: Wirewound vs. Thick Film
| Feature | Wirewound (PWR Series) | Standard Thick Film |
| :--- | :--- | :--- |
| **Pulse Handling** | Excellent | Poor |
| **Precision** | Moderate | High |
| **Inductance** | Higher (due to coils) | Very Low |
| **Durability** | High | Moderate |
- ⤷
What is the maximum operating temperature for the PWR13 series?
- ⤷ How does the inductance of this wirewound resistor affect high-frequency circuits?
- ⤷ Are there non-inductive versions available for this specific part number?