PWR12JPCO2201
AI

The **PWR12JPCO2201** is a high-performance power resistor, typically part of a specialized series (like those produced by Bourns or similar industrial manufacturers) designed for high power density and reliability.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this component class, here are the primary technical characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Power Resistor | Thick film technology |
| **Resistance Value** | 220 $\Omega$ | Indicated by the "220" code |
| **Tolerance** | $\pm$ 5% | Indicated by the "J" designator |
| **Package / Case** | TO-220 | Transistor-style housing for heatsink mounting |
| **Power Rating** | 20 Watts | Valid when properly mounted to a heatsink |
| **Operating Temp** | -55°C to +155°C | Standard industrial range |
---
### 2. Physical Construction
The PWR12JPCO2201 utilizes a **TO-220 package** style, which is common in power electronics. Its physical structure includes:
* **Ceramic Hub:** A high-purity alumina substrate where the resistive element is deposited.
* **Thick Film Element:** A resistive paste fired at high temperatures to ensure stability.
* **Molded Epoxy:** An outer casing that provides environmental protection and insulation.
* **Metal Tab:** A mounting hole is provided to bolt the resistor directly to a heatsink, which is critical for achieving the 20W power rating.
---
### 3. Application Use Cases
This specific resistor is used in circuits where heat dissipation and high power handling are required in a small footprint:
* **Snubber Circuits:** Used in switching power supplies to absorb voltage spikes.
* **Current Sensing:** Low-inductance design allows for accurate measurement in high-speed circuits.
* **Bleeder Resistors:** Discharging high-voltage capacitors safely after power-off.
* **Motor Control:** Providing dynamic braking or current limiting for small motors.
---
### 4. Implementation Considerations
```markdown
# Design Checklist
1. Thermal Paste: Always apply a thin layer of thermal grease between the resistor tab and the heatsink.
2. Derating: If used without a heatsink, the power rating drops significantly (often to < 2W).
3. Clearance: Ensure the leads are bent with proper radius to avoid stress on the ceramic internal substrate.
```
- ⤷What is the maximum voltage rating for the PWR12 series?
- ⤷ How do I calculate the required heatsink size for this 20W resistor?
- ⤷ Are there surface-mount alternatives (SMD) to the TO-220 package?