PWR12JPC1O2201
AI

Based on the part number provided (**PWR12JPC1O2201**), this appears to be a specific configuration for a high-power industrial resistor, commonly manufactured by brands like **Bourns** or similar power electronics specialists.
Below is a breakdown of the electronic specifications and features typical for this series (PWR Series).
### 1. Part Number Deciphering
| Component Segment | Description |
| :--- | :--- |
| **PWR** | Series Name (High Power Resistor) |
| **12** | Form Factor/Size (Typically DPAK or TO-263 equivalent) |
| **J** | Tolerance (J = ±5%) |
| **PC** | Terminal/Mounting Type (Surface Mount / Power Package) |
| **1O2201** | Resistance Value Code |
---
### 2. Technical Specifications
This component is designed for power management applications where heat dissipation is critical.
* **Resistance Value:** The code usually translates to **220 Ohms**.
* **Power Rating:** Typically ranges from **20W to 35W** (depending on the heat sink temperature).
* **Package Type:** TO-263 (D2PAK) - This is a surface-mount package designed for high power.
* **Inductance:** These are generally **Non-Inductive** designs, making them ideal for high-frequency switching.
* **Operating Temperature:** Typically -55°C to +155°C.
---
### 3. Key Electronic Features
* **Thick Film Technology:** Uses a thick film element on an Alumina ceramic substrate to handle high energy surges.
* **Low Inductance:** The internal construction minimizes parasitic inductance, which is essential for gate drive circuits and power supplies.
* **Heat Dissipation:** The back of the part features a metal tab that must be soldered to a large copper plane (PCB) or a heat sink to reach its rated power.
---
### 4. Common Applications
These parts are found in robust electronic environments:
1. **Power Supplies:** Used as a bleeder resistor or for current sensing.
2. **Motor Drives:** Acts as a snubber resistor to protect components from voltage spikes.
3. **Test Equipment:** Used in dummy loads due to high power handling in a small footprint.
4. **LED Lighting:** Current limiting in high-power industrial LED arrays.
---
### 5. Installation Note
> **Warning:** To achieve the maximum power rating (e.g., 20W+), the component must be properly thermal-coupled to a heat sink. Without adequate cooling, the resistor will overheat and fail even at lower wattages.
- ⤷
What is the maximum power dissipation of this resistor without a heat sink?
- ⤷ How do I calculate the thermal resistance for the TO-263 package?
- ⤷ Are there 1% tolerance versions available for this specific PWR series?