AI

The **PVC6H503C01B00** is a high-precision trimmer potentiometer manufactured by **Murata Electronics**. It belongs to the PVC6 series, which is characterized by its square, single-turn, through-hole design.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Murata Electronics |
| **Series** | PVC6 |
| **Resistance Value** | 50 kOhms (indicated by "503") |
| **Tolerance** | ±10% |
| **Power Rating** | 0.5W (1/2 Watt) at 70°C |
| **Temperature Coefficient** | ±100ppm/°C |
| **Adjustment Type** | Top Adjustment |
| **Number of Turns** | 1 (Single-turn) |
| **Mounting Type** | Through Hole |
| **Termination Style** | PC Pins |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant of this component:
* **PVC6**: Series name (6mm Square, Cermet element).
* **H**: Terminal style (H refers to the lead shape/arrangement).
* **503**: Resistance code. The first two digits (50) are the significant figures, and the third digit (3) is the multiplier ($10^3$). Thus, $50 \times 1,000 = 50,000$ Ohms or **50kΩ**.
* **C01**: Internal subdivision/design code.
* **B00**: Packaging code (Bulk).
---
### 3. Construction and Material
* **Resistive Material:** Cermet (Ceramic-Metal). This provides high stability, low noise, and a long life cycle compared to carbon-based potentiometers.
* **Housing:** High-temperature plastic, often rated for industrial environments.
* **Sealing:** This series is typically "Sealed," meaning it can withstand board washing processes after soldering without the internal resistive element being contaminated.
---
### 4. Application Areas
This component is used for "set-and-forget" adjustments in electronic circuits:
* **Voltage Regulation:** Calibrating power supply outputs.
* **Sensor Calibration:** Adjusting the gain or offset of an analog sensor.
* **Timing Circuits:** Tuning the RC constant in oscillator circuits.
* **Industrial Equipment:** Used in control systems where precision and durability are required.
---
### 5. Mechanical Dimensions (General)
The PVC6 series usually follows a standard **6.0mm x 6.0mm** footprint with a height of roughly **4.1mm**. The leads are arranged in a triangular pattern to ensure stability on the PCB.
- ⤷
What are the alternative terminal styles available for the Murata PVC6 series?
- ⤷ How does the power rating of this cermet potentiometer change with temperature?
- ⤷ What is the shelf life and soldering heat resistance for the PVC6H503?