Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • PST593DMT-R

  • AI
    ## Technical Overview: PST593DMT-R The **PST593DMT-R** is a specialized System Reset Integrated Circuit (IC) developed by **MITSUMI (MinebeaMitsumi)**. It is primarily designed as a high-accuracy voltage detector with a built-in delay circuit, commonly used for monitoring power supply rails in microcomputer systems. --- ### 1. Key Technical Specifications The device is characterized by its low power consumption and precise detection thresholds. | Parameter | Specification | | :--- | :--- | | **Component Type** | Reset IC / Voltage Detector | | **Detection Voltage** | Typically 4.3V (Specific to the 593 model variant) | | **Output Type** | CMOS Output (Active Low) | | **Supply Voltage (Max)** | 10V | | **Low Current Consumption** | ~1.5µA (Typical) | | **Package Type** | SOT-25 (M-Type) or SC-74A | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The primary role of the PST593DMT-R is to ensure that a microcontroller (MCU) or microprocessor (MPU) does not begin operation until the supply voltage has reached a stable, safe level. * **Voltage Monitoring:** It continuously monitors the $V_{CC}$ line. * **Reset Generation:** If the voltage drops below the detection threshold, the IC pulls the Reset pin low. * **Delay Function:** Once the voltage rises back above the threshold, the IC maintains the Reset signal for a fixed period (the "delay time"). This prevents "chattering" and ensures the system clock has stabilized before the MCU starts. --- ### 3. Pin Configuration (Typical SOT-25) While pinouts can vary by manufacturer variants, the standard PST593 series in a 5-pin package follows this logic: | Pin Number | Symbol | Function | | :---: | :--- | :--- | | 1 | **Vout** | Reset Output Signal | | 2 | **Vcc** | Power Supply / Sense Voltage | | 3 | **GND** | Ground | | 4 | **NC/Cd** | No Connect or External Delay Capacitor | | 5 | **Sub** | Substrate (Usually tied to GND) | --- ### 4. Common Applications Due to its small footprint and high reliability, it is found in: * **Consumer Electronics:** Televisions, DVD players, and audio equipment. * **Industrial:** Power supply monitoring for PLCs. * **Computing:** Reset circuits for desktop and laptop motherboards. * **Battery Operated Devices:** Used to prevent data corruption during low-battery states. --- ### 5. Identification Code Breakdown The "R" at the end of the part number usually signifies the **Tape and Reel** packaging specification for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMOS and Open-Drain outputs in reset ICs like the PST593?
    • ⤷ How do I calculate the reset delay time for this specific IC?
    • ⤷ Are there pin-compatible alternatives to the PST593DMT-R for new designs?