Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • PCHC412R8-1R0M-RC

  • AI
    The **PCHC412R8-1R0M-RC** is a high-performance, high-current power inductor typically used in DC-DC converters and power management modules. This component belongs to the family of **Molded Power Inductors**, known for their compact size and excellent magnetic shielding. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its specific electrical characteristics: | Code Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **PCHC** | Series | High Current Molded Power Inductor | | **412R8** | Dimensions | Approx. 4.0 x 4.0 x 2.8 mm | | **1R0** | Inductance | 1.0 µH (Microhenries) | | **M** | Tolerance | ±20% | | **RC** | Compliance | RoHS Compliant | --- ### 2. Key Specifications These parts are designed to handle high saturation currents without a sharp drop in inductance. * **Inductance:** 1.0 µH * **DC Resistance (DCR):** Usually very low (mΩ range) to minimize power loss. * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is typically around **8A to 12A**. * **Irms (Heating Current):** The continuous current that causes a specific temperature rise (e.g., 40°C). * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Construction and Features * **Magnetic Metal Powder Core:** The inductor is made by molding metal powder around a copper coil. This creates a "distributed air gap," which allows for better saturation characteristics compared to traditional ferrite cores. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Low Buzz Noise:** Because the core is solid-molded, it is less prone to acoustic noise caused by magnetostriction. --- ### 4. Common Applications Due to its high current density and small footprint, it is commonly found in: 1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs. 2. **Point of Load (POL) Converters:** In telecommunications and data centers. 3. **Battery Powered Devices:** Smartphones and tablets where space is at a premium. 4. **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this part be used in high-frequency switching power supplies above 1MHz?
    • ⤷ What are the recommended PCB landing patterns for the 412R8 package size?