Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • PBYR1035

  • AI
    ### Technical Overview of PBYR1035 The **PBYR1035** is a high-performance **Schottky Barrier Diode** typically housed in a TO-220 plastic package. It is designed for use in low-voltage, high-frequency inverters, free-wheeling, and polarity protection applications. --- ### Key Specifications | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 35 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** ($I_F = 10A$) | $V_F$ | ~0.55 V | | **Peak Forward Surge Current** | $I_{FSM}$ | 120 A | | **Operating Junction Temperature** | $T_j$ | -65 to 150 °C | --- ### Major Characteristics 1. **Low Forward Voltage Drop:** Unlike standard silicon diodes (~0.7V), the PBYR1035 has a much lower drop (approx. 0.55V). This reduces power dissipation and increases system efficiency. 2. **Fast Switching Speed:** As a Schottky diode, it features negligible reverse recovery time, making it ideal for high-speed switching power supplies. 3. **Guard Ring Protection:** The internal die usually includes a guard ring for stress protection, which enhances long-term reliability and guards against transient voltages. 4. **High Surge Capacity:** It can handle high instantaneous currents, which is crucial for handling inrush currents during startup. --- ### Common Applications * **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-to-DC Converters:** Acts as a high-speed steering or catch diode. * **Battery Charging:** Prevents reverse current flow while minimizing energy loss due to low $V_F$. * **Polarity Protection:** Protects sensitive circuits from accidental battery reversal. --- ### Pin Configuration (TO-220) ```text _______ | O | <-- Mounting Hole (Tab is usually Cathode) |_______| | | | PBYR | | 1035 | |_______| | | | 1 2 3 1. Anode 2. Cathode (Connected to Tab) 3. No Connection (or Anode in dual versions) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between PBYR1035 and a standard 1N4007 diode?
    • ⤷ How does temperature affect the leakage current of the PBYR1035?
    • ⤷ Can the PBYR1035 be used in AC-to-DC bridge rectifiers?