Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • P4800AGM

  • AI
    The **Intel Optane SSD DC P4800X** (often referred to within systems by specific firmware or manufacturing codes like P4800AGM) is a high-performance enterprise storage device. Unlike standard SSDs that use NAND flash, this device utilizes **3D XPoint** technology. ### 1. Key Electronic Components and Architecture The P4800X series is built on a specialized hardware stack designed for extreme endurance and low latency. | Component | Description | | :--- | :--- | | **Media Type** | **3D XPoint:** A non-volatile memory technology that is bit-addressable, filling the gap between DRAM and traditional NAND. | | **Controller** | **Intel Proprietary NVMe Controller:** Specifically designed to handle the massive parallelism of 3D XPoint without the bottleneck of traditional flash management. | | **Interface** | **PCIe 3.0 x4 (NVMe):** Provides the high-bandwidth lane necessary for data transfer. | | **Form Factor** | **AIC (Add-In Card) or U.2:** Most "AGM" variations refer to the Half-Height Half-Length (HHHL) PCIe card format. | --- ### 2. Technical Specifications These parts are engineered for data center workloads where "Write Exhaustion" is a primary concern. | Feature | Specification | | :--- | :--- | | **Latency** | < 10 microseconds (Read/Write) | | **Endurance** | Up to 30 Drive Writes Per Day (DWPD) | | **MTBF** | 2.0 Million Hours | | **Power Consumption** | ~14W to 18W (Active) | --- ### 3. Electronic Design Advantages 1. **Write In-Place Mechanism:** Traditional SSDs require an "Erase-before-Write" cycle, necessitating a Garbage Collection process. The P4800X electronics allow for "Write In-Place," meaning data can be updated at the bit level without clearing blocks first. 2. **No DRAM Cache Needed:** While standard SSDs need a DRAM chip to store the Logical-to-Physical (L2P) mapping table, the P4800X is fast enough that it can store and access mapping metadata directly on the 3D XPoint media, reducing the component count and complexity. 3. **Advanced Error Correction (ECC):** The internal circuitry uses sophisticated LDPC (Low-Density Parity-Check) engines to ensure data integrity across the high-speed bus. ### 4. Integration Example (NVMe Protocol) The device communicates using the NVMe protocol. Below is a conceptual representation of how the OS interacts with the electronic controller: ```yaml OS_Layer: - NVMe_Driver: Sends I/O Submission Queue Entry Hardware_Layer: - PCIe_Phy: Receives electrical signals - Controller_ASIC: Processes command (No wear-leveling delay) - 3D_XPoint_Array: Direct bit modification ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 3D XPoint and standard NVMe NAND flash?
    • ⤷ What are the typical use cases for the P4800X in a data center environment?
    • ⤷ How does the power consumption of the P4800X compare to consumer SSDs?