O2CZ9.1Z
AI

The **O2CZ9.1Z** is a specific type of **Zener Diode** manufactured by Toshiba. It belongs to the O2CZ series and is primarily used for voltage regulation and surge protection in compact electronic circuits.
### 1. General Specifications
The part number provides specific information about its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Zener Diode |
| **Nominal Zener Voltage ($V_z$)** | 9.1 Volts |
| **Power Dissipation ($P_d$)** | 200 mW (milliwatts) |
| **Package Type** | USC (Ultra Super Mini) - similar to SOD-323 |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Configuration** | Single Diode |
---
### 2. Key Characteristics
* **Voltage Regulation:** The primary function is to maintain a constant voltage of 9.1V across its terminals when biased in the reverse direction.
* **Small Footprint:** The USC package is designed for high-density mounting in portable devices like smartphones and tablets.
* **Low Leakage:** It features low reverse current ($I_r$) before reaching the breakdown voltage, ensuring efficiency.
* **Z-Suffix Significance:** The "Z" usually denotes a specific classification for the zener voltage tolerance (typically within a tight range).
---
### 3. Pinout and Circuit Symbol
The O2CZ9.1Z is a two-terminal device:
1. **Anode:** The positive lead (usually unmarked).
2. **Cathode:** The negative lead (indicated by a color band/line on the body).
```text
Cathode (K) Anode (A)
[ | ]---------------|<|---------------[ ]
(Line) Zener Symbol
```
---
### 4. Typical Applications
* **Voltage Stabilization:** Used in power supply circuits to provide a stable reference voltage.
* **Overvoltage Protection:** Protects sensitive ICs by shunting excess voltage to ground if the line exceeds 9.1V.
* **Waveform Clipping:** Used in signal processing to limit the amplitude of a signal.
- ⤷
What are the equivalent alternative parts for the O2CZ9.1Z?
- ⤷ How do I calculate the resistor value needed for this zener diode?
- ⤷ What is the maximum operating temperature for the O2CZ series?