O2113
AI

The **O2113** (often referenced as the **M2113** or related to specific modular electronic components like those from **ROBOX** or specialized industrial sensors) typically refers to a **High-Precision Oxygen Sensor Module** or a specific **Logic/Interface IC** depending on the manufacturer.
In most modern industrial and hobbyist electronics, the O2113 series is associated with oxygen concentration measurement systems.
---
### 1. Key Technical Specifications
Below are the typical parameters for an O2113-based sensing component:
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage** | 3.3V - 5V DC |
| **Measurement Range** | 0% to 25% (O2 concentration) |
| **Interface** | Analog Voltage / I2C (Digital) |
| **Response Time ($T_{90}$)** | < 15 Seconds |
| **Operating Temp** | -20°C to +50°C |
---
### 2. Functional Electronic Blocks
The O2113 module is usually composed of four primary electronic stages:
1. **Electrochemical Cell:** The core sensor that generates a tiny current proportional to the partial pressure of oxygen.
2. **Transimpedance Amplifier (TIA):** Converts the nano-ampere current from the sensor into a measurable voltage.
3. **Temperature Compensation Circuit:** Uses a thermistor or internal NTC to adjust the output, as oxygen sensors are highly sensitive to thermal changes.
4. **Signal Conditioning:** Filters high-frequency noise and buffers the signal for an ADC (Analog-to-Digital Converter).
---
### 3. Pin Configuration (Standard 4-Pin Layout)
If you are integrating this part into a PCB, the pinout usually follows this structure:
| Pin | Label | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | Power Supply (Positive) |
| 2 | **GND** | Ground |
| 3 | **OUT / SDA** | Analog Output or I2C Data |
| 4 | **NC / SCL** | Not Connected or I2C Clock |
---
### 4. Implementation Example (Microcontroller)
To read data from an O2113 analog sensor using an Arduino or similar MCU:
```cpp
const int o2SensorPin = A0; // Connect O2113 Out to A0
void setup() {
Serial.begin(9600);
}
void loop() {
int sensorValue = analogRead(o2SensorPin);
float voltage = sensorValue * (5.0 / 1023.0);
// Example calibration formula
float concentration = (voltage / 5.0) * 25.0;
Serial.print("Oxygen Concentration: ");
Serial.print(concentration);
Serial.println("%");
delay(1000);
}
```
- ⤷
What is the lifespan of the O2113 electrochemical cell before it needs replacement?
- ⤷ Does the O2113 require a specific calibration gas for setup?
- ⤷ Are there digital versions of this part that support the I2C protocol?