NET-50A
AI

The **NET-50A** is a popular 50W multi-output (triple output) AC/DC switching power supply manufactured by Mean Well. It is widely used in industrial automation, networking, and telecommunications due to its compact size and high reliability.
---
## 1. Technical Specifications
The NET-50A is designed to convert AC mains voltage into three distinct DC voltage rails to power different components within a single system.
| Parameter | Specification |
| :--- | :--- |
| **Total Rated Power** | 50 Watts |
| **Input Voltage Range** | 85 ~ 264VAC (Universal) or 120 ~ 370VDC |
| **Output Channel 1** | +5V @ 0.6 ~ 5.0A |
| **Output Channel 2** | +12V @ 0.2 ~ 1.5A |
| **Output Channel 3** | -5V @ 0.1 ~ 0.5A |
| **Efficiency** | ~72% |
| **Cooling** | Free air convection |
---
## 2. Key Electronic Components & Features
The internal circuitry of the NET-50A consists of several critical stages typical of a Switching Mode Power Supply (SMPS):
### A. Input Filter & Rectification
* **EMI Filter:** Includes X and Y capacitors and a common-mode choke to prevent electromagnetic interference from leaking back into the power line.
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
* **Bulk Capacitor:** High-voltage electrolytic capacitor used to smooth the rectified DC.
### B. Switching Stage
* **PWM Controller IC:** The "brain" of the unit that regulates the duty cycle to maintain stable output voltage.
* **Power MOSFET:** High-speed switching transistor that "chops" the DC voltage into high-frequency pulses to be sent through the transformer.
### C. Isolation & Regulation
* **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC outputs for safety.
* **Optoisolator:** Provides feedback from the DC output back to the PWM controller while maintaining electrical isolation.
### D. Output Stage
* **Schottky Rectifiers:** Fast-recovery diodes that convert the high-frequency AC from the transformer back into DC.
* **Filter Inductors/Capacitors (LC Circuit):** Smooths the output ripples for a clean DC signal.
---
## 3. Built-in Protections
The NET-50A includes integrated electronic safeguards to prevent damage to the power supply or the connected load:
1. **Overload Protection:** Typically triggers at 110% - 150% of rated output power using a "hiccup mode" (recovers automatically after the fault is removed).
2. **Overvoltage Protection:** Specifically monitors the 5V rail (usually shuts down if it reaches 5.75V - 6.75V).
3. **Short Circuit Protection:** Protects against direct shorts on any output rail.
---
## 4. Pin Assignment (Typical Connector)
The device usually utilizes a terminal block for wiring:
| Pin No. | Assignment |
| :--- | :--- |
| 1 | AC Input / Line (L) |
| 2 | AC Input / Neutral (N) |
| 3 | Frame Ground (FG) |
| 4 | Output 3 (-5V) |
| 5 | Output 2 (+12V) |
| 6 | Common Ground (COM) |
| 7 | Output 1 (+5V) |
- ⤷
What are the main differences between the NET-50A and the NET-50B models?
- ⤷ How does 'hiccup mode' work in the event of a short circuit?
- ⤷ What are the recommended cooling requirements for the NET-50A in an enclosed chassis?