MTXO2EVCD
AI

The **MTXO2EVCD** is a high-performance, programmable Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO) module. These components are critical in telecommunications and networking hardware where precision timing is mandatory.
---
### 1. Key Electronic Specifications
The "MTXO2" series generally belongs to the high-stability category of timing components. Below are the typical technical parameters associated with this part:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Output Frequency** | Usually ranges between 10 MHz and 52 MHz |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) |
| **Supply Voltage** | Commonly 1.8V, 2.5V, or 3.3V DC |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Control Voltage** | Used for frequency tuning (VCTCXO function) |
| **Package Size** | Miniature SMD (e.g., 2.5 x 2.0 mm or 3.2 x 2.5 mm) |
---
### 2. Functional Components
The internal architecture of the MTXO2EVCD consists of several integrated electronic stages:
1. **Quartz Crystal Resonator:** The core mechanical element that vibrates at a specific frequency.
2. **Temperature Sensor:** Monitors ambient heat to calculate necessary frequency corrections.
3. **Compensation Network:** An analog or digital circuit that adjusts the load capacitance to counteract frequency drift caused by temperature changes.
4. **Varactor Diode:** Used for the "Voltage Control" (VC) aspect, allowing the user to fine-tune the output frequency via an external voltage.
5. **Output Buffer:** Ensures the signal integrity remains high when driving external loads.
---
### 3. Application Areas
Because of its high stability and small footprint, this part is used in:
* **5G Infrastructure:** Synchronizing base stations.
* **GPS/GNSS Receivers:** Fast signal acquisition requires high frequency accuracy.
* **IoT Devices:** Low power consumption for mobile connectivity.
* **Wi-Fi 6/7 Routers:** Handling high-speed data modulation.
---
### 4. Part Number Breakdown (General Pattern)
While specific to the manufacturer (often Mercury Electronic), the suffix often denotes:
* **MTXO2:** Series identifier (Micro-TCXO).
* **E:** Temperature Range (often -40°C to +85°C).
* **V:** Voltage Control capability included.
* **CD:** Specific output format or packaging code.
- ⤷
What are the specific pinout assignments for the MTXO2EVCD package?
- ⤷ How does a VCTCXO differ from a standard TCXO in a circuit design?
- ⤷ What is the phase noise performance of this specific oscillator series?