MPI2510V1-R68-R
AI

## Overview of MPI2510V1-R68-R
The **MPI2510V1-R68-R** is a high-performance, low-profile power inductor typically used in DC-DC converter applications. It belongs to a class of molded power inductors designed for high-density electronic assemblies.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~38 mΩ (Typical) / 46 mΩ (Max) |
| **Saturation Current (Isat)** | ~4.1 A (based on 30% drop in L) |
| **Temperature Rise Current (Irms)** | ~3.3 A (based on 40°C rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 2520 (2.5mm x 2.0mm) |
| **Height** | 1.0 mm (Max) |
---
### Key Features
1. **Molded Construction:** The inductor uses a metal powder core technology. This provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly as current increases.
2. **Magnetic Shielding:** Its structure is naturally shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on a dense PCB.
3. **Low DCR:** The low direct current resistance ensures high efficiency and minimal power loss as heat.
4. **Compact Form Factor:** The 2.5mm x 2.0mm x 1.0mm dimensions make it ideal for smartphones, tablets, and wearable technology.
---
### Typical Applications
* **Smartphones & Tablets:** Used in PMIC (Power Management IC) circuits for CPU and GPU voltage rails.
* **IoT Devices:** Perfect for battery-operated devices requiring small footprints and high efficiency.
* **SSD/Storage:** Power regulation for high-speed data drives.
* **DC-DC Converters:** Point-of-Load (POL) converters where space is at a premium.
---
### Part Number Breakdown
While naming conventions vary slightly by manufacturer (often associated with brands like **Eaton** or **Coiltronics**), the code usually breaks down as follows:
* **MPI:** Series prefix (Molded Power Inductor).
* **2510:** Physical dimensions (2.5mm x 2.0mm x 1.0mm).
* **V1:** Version or Generation code.
* **R68:** Inductance value (R68 = 0.68 µH).
* **-R:** RoHS compliant.
- ⤷
What is the difference between 'soft saturation' and 'hard saturation' in power inductors?
- ⤷ How does DCR affect the overall efficiency of a buck converter?
- ⤷ What are the recommended PCB landing patterns for a 2520 metric package?