ML1102FE-R52
AI

The **ML1102FE-R52** belongs to the **Ohmite M Series** of metal film resistors. These are professional-grade components designed for applications requiring precision, stability, and low noise.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of its electronic characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Resistance** | 1.1 kΩ (1,100 Ohms) |
| **Power Rating** | 0.5 Watts (1/2 W) |
| **Tolerance** | ±1% (F - Tolerance code) |
| **Temperature Coefficient** | ±50 ppm/°C |
| **Voltage Rating** | 350V (Maximum Working Voltage) |
| **Construction** | Metal Film |
| **Package / Case** | Axial Leaded (Standard Through-hole) |
---
### 2. Physical & Material Composition
- **Resistive Element:** A thin layer of metal alloy is deposited onto a high-grade ceramic rod. This construction provides much better stability than carbon composition resistors.
- **Coating:** Usually coated with a flame-retardant epoxy or lacquer to protect against environmental moisture and oxidation.
- **Lead Material:** Solder-plated copper leads for high conductivity and ease of soldering.
---
### 3. Usage & Applications
Due to the **1% tolerance** and the **metal film** construction, the ML1102FE-R52 is typically used in:
* **Precision Circuits:** Voltage dividers and feedback loops in Op-Amps where accuracy is critical.
* **Audio Equipment:** Metal film resistors produce significantly less "thermal noise" than carbon resistors, making them ideal for high-fidelity audio signal paths.
* **Industrial Controls:** Used in sensors and measurement equipment where temperature stability (50 ppm/°C) prevents resistance drift during operation.
---
### 4. Part Number Decoder
If you are looking at the Ohmite catalog, the code breaks down as follows:
```text
ML 1102 F E -R52
| | | | |
| | | | +-- Packaging Code (R52 = Tape & Reel, 52mm width)
| | | +------- RoHS Compliant
| | +---------- Tolerance (F = 1%)
| +-------------- Resistance Value (110 + 2 zeros = 1100Ω)
+------------------- Series (M Series, Metal Film)
```
- ⤷What is the difference between this metal film resistor and a carbon film equivalent?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the dimensions of the R52 axial package?