Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MH18TAG-R

  • AI
    The **MH18TAG-R** is a specialized RFID (Radio Frequency Identification) component, commonly used in automotive security systems, specifically within vehicle immobilizers. It functions as a transponder tag designed to communicate with an ignition coil/reader to verify the identity of the key. ### 1. Technical Specifications The MH18TAG-R is generally based on the **Megamos Crypto** architecture. Below are the typical electronic characteristics: | Feature | Specification | | :--- | :--- | | **Chip Type** | Transponder (Write-Once / Read-Many or Programmable) | | **Operating Frequency** | 125 kHz (Low Frequency) | | **Protocol** | Megamos Crypto (often associated with ID48) | | **Housing** | Glass Capsule or Plastic Wedge (TAG-R usually denotes a glass tag) | | **Power Source** | Passive (Powered by the RF field of the reader) | --- ### 2. Core Electronic Components The device is a "passive" electronic part, meaning it does not contain a battery. It consists of three primary internal sub-components: #### A. Microchip (IC) * **Memory:** Contains a unique identification code and a secret key for cryptographic authentication. * **Logic Unit:** Handles the challenge-response sequence when the car's ECU (Engine Control Unit) requests verification. #### B. Antenna Coil * Consists of very fine copper wire wound into a coil. * **Inductive Coupling:** It captures the 125 kHz magnetic field from the ignition barrel and converts it into a small electrical current to power the microchip. #### C. Capacitor * Works in parallel with the antenna coil to create a **resonant LC circuit**. * It is tuned specifically to 125 kHz to ensure maximum energy transfer efficiency. --- ### 3. Functional Operation The electronic interaction follows these steps: 1. **Excitation:** The vehicle's immobilizer antenna emits a 125 kHz electromagnetic field. 2. **Induction:** The MH18TAG-R coil picks up this field, charging the internal capacitor. 3. **Data Transmission:** The chip "wakes up" and modulates the field to send its ID back to the vehicle. 4. **Authentication:** In "Crypto" versions, the chip performs a mathematical calculation based on a "challenge" sent by the car to prove it is the original key. --- ### 4. Common Applications This part is predominantly found in the keys of the following automotive brands (primarily models manufactured between 1998 and 2008): * **Volkswagen / Audi / Seat / Skoda** (The "VAG" Group) * **Honda** * **Fiat** * **Volvo**
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH18TAG-R and a standard ID48 chip?
    • ⤷ Can the MH18TAG-R be reprogrammed multiple times?
    • ⤷ What are the common causes of failure in these glass transponder tags?