MFR-12DRD52-412R
AI

The part number **MFR-12DRD52-412R** refers to a high-precision, metal film resistor manufactured by **Yageo**. This specific component is designed for applications requiring stability, low noise, and tight tolerances.
---
### Component Specifications Breakdown
The part number follows a specific nomenclature. Here is the technical breakdown of each segment:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | MFR | Metal Film Resistor |
| **Power Rating** | 12 | 1/6 Watt (0.166W) |
| **Tolerance** | D | ±0.5% (High Precision) |
| **Temperature Coefficient** | R | ±50 ppm/°C |
| **Packaging** | D | Taped & Reeled |
| **Forming/Lead Type** | 52 | 52mm Taping (Standard axial lead spacing) |
| **Resistance Value** | 412R | 412 Ohms ($\Omega$) |
---
### Key Technical Characteristics
1. **Material Construction**:
* The resistive element is a thin layer of metal film deposited on a high-grade ceramic body.
* The ends are capped with tinned copper leads for through-hole mounting.
* The body is coated with layers of protective lacquer for environmental insulation.
2. **Precision and Stability**:
* With a **±0.5% tolerance**, this resistor is significantly more accurate than standard general-purpose resistors (which are typically ±5%).
* The **50 ppm/°C temperature coefficient** ensures the resistance value changes very little as the operating temperature fluctuates.
3. **Electrical Performance**:
* **Low Noise**: Metal film resistors produce much less "current noise" than carbon composition resistors, making them ideal for audio and sensitive measurement circuits.
* **Voltage Rating**: Typically rated for a maximum working voltage around 150V to 200V (depending on the specific sub-series).
---
### Common Applications
Due to its high precision and low noise profile, the **MFR-12DRD52-412R** is typically used in:
* **Precision Instrumentation**: Multimeters, sensors, and weighing scales.
* **Audio Equipment**: High-fidelity amplifiers where signal integrity is critical.
* **Medical Electronics**: Devices requiring stable performance over time.
* **Feedback Loops**: Operational amplifier circuits where exact gain control is necessary.
---
- ⤷
What are the alternatives to metal film resistors for high-power applications?
- ⤷ How does a 0.5% tolerance impact the performance of a voltage divider?
- ⤷ What is the difference between 52mm and 26mm taping in axial resistors?