Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MF-RHT200-0

  • AI
    ## MF-RHT200-0: Technical Overview The **MF-RHT200-0** is a high-temperature Radial Leaded Polymeric Positive Temperature Coefficient (**PPTC**) resettable fuse manufactured by **Bourns**. It is specifically designed to provide overcurrent protection in environments with high operating temperatures. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 2.00 Amps | | **Trip Current ($I_{trip}$)** | 3.80 Amps | | **Maximum Voltage ($V_{max}$)** | 16 Volts (DC) | | **Maximum Current ($I_{max}$)** | 100 Amps | | **Typical Power ($P_d$)** | 1.4 Watts | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Through-Hole (Radial Lead) | --- ### 2. Physical Characteristics * **Material:** High-temperature polymer material that allows the device to function reliably up to 125°C without nuisance tripping. * **Form Factor:** Radial leaded package, typically coated with cured, flame-retardant epoxy polymer meeting UL 94V-0 requirements. * **RoHS Compliance:** The part is lead-free and halogen-free. --- ### 3. How It Works (The PTC Effect) The MF-RHT200-0 functions as a **Resettable Fuse** through the following mechanism: 1. **Normal State:** The device has a very low resistance, allowing current to pass to the circuit with minimal loss. 2. **Fault Condition:** If an overcurrent or over-temperature event occurs, the internal polymer heats up and expands. 3. **Tripped State:** The expansion breaks the conductive paths within the polymer, causing the resistance to increase exponentially (the "trip"). This limits the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the power is cycled, the device cools down, the polymer contracts, and the resistance returns to a low state. --- ### 4. Common Applications Due to its high thermal stability (up to 125°C), this component is ideal for: * **Automotive Electronics:** Under-the-hood modules, sensors, and lighting. * **Industrial Controls:** Motors and actuators operating in harsh environments. * **Telecommunications:** Protection for equipment in non-climate-controlled enclosures.
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for this component?
    • ⤷ How does the ambient temperature affect the current rating of the MF-RHT200-0?
    • ⤷ What are the recommended soldering profiles for this radial leaded PPTC?