MF-R50
AI

The **MF-R50** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, commonly manufactured by companies like Bourns. These components are designed to protect electronic circuits from overcurrent conditions.
---
## 1. Technical Specifications
The "50" in MF-R50 typically refers to its **Hold Current**. Below are the key electrical parameters:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.50 Amps | The maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 1.00 Amps | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 60V | The maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40A | The maximum fault current the device can safely interrupt. |
| **Package Type** | Radial Leaded | Through-hole mounting (circular "disk" shape). |
---
## 2. How it Works (PTC Principle)
Unlike a standard one-time fuse that blows and must be replaced, the MF-R50 is "resettable."
1. **Normal State:** The device has a very low resistance, allowing current to flow to the load.
2. **Fault State:** If the current exceeds 1.0A (Trip Current), the internal polymer heats up, causing its resistance to increase exponentially. This effectively "shuts off" the circuit.
3. **Reset State:** Once the fault is removed and the power is cycled (allowing the device to cool down), it returns to a low-resistance state.
---
## 3. Physical Characteristics
* **Material:** Conductive polymer combined with carbon black.
* **Coating:** Yellow or orange flame-retardant epoxy polymer (conforming to UL 94V-0).
* **Marking:** Usually marked with the manufacturer logo, "R050" or "MF-R050".
---
## 4. Common Applications
The MF-R50 is widely used in low-voltage electronics where occasional overcurrents might occur:
* **USB Port Protection:** Limiting current to peripherals.
* **Loudspeakers:** Protecting tweeters from power surges.
* **Power Supplies:** Secondary side protection for transformers.
* **Medical Equipment:** General circuit safety.
* **Automotive Electronics:** Protection for small motors or sensors.
---
## 5. Comparison: MF-R50 vs. Standard Fuse
| Feature | MF-R50 (Resettable) | Standard Glass/Ceramic Fuse |
| :--- | :--- | :--- |
| **Maintenance** | None (Resets itself) | Manual Replacement Required |
| **Response Time** | Slower (Thermal based) | Faster (Instantaneous melting) |
| **Resistance** | Higher | Lower |
| **Reliability** | Good for repeated minor faults | Best for catastrophic failure protection |
- ⤷What is the difference between hold current and trip current in PTC fuses?
- ⤷ How long does it take for an MF-R50 to reset after a fault?
- ⤷ Can the MF-R50 be used in AC circuits or is it DC only?