ME56ZAX-R
AI

The **ME56ZAX-R** is a specific model of an **Axial Fan**, typically manufactured by brands like **Mechatronics**. These fans are designed for high-performance thermal management in industrial and computing environments.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | AC Axial Fan |
| **Input Voltage** | 230V AC (Standard) |
| **Frequency** | 50/60 Hz |
| **Bearing Type** | Dual Ball Bearing (for long life and high reliability) |
| **Housing Material** | Aluminum Die-Cast (Heat resistant) |
| **Impeller Material** | PBT Thermoplastic (UL94V-0 Rated) |
---
### 2. Electrical & Performance Data
The "ZAX" designation often refers to the high-speed/high-airflow variant within this frame size.
* **Current Consumption:** Typically ranges between **0.11A to 0.15A** depending on the frequency (50 vs 60Hz).
* **Power Input:** Approximately **18W - 22W**.
* **Airflow Rate:** Generally provides **100 – 115 CFM** (Cubic Feet per Minute).
* **Rotational Speed:** Approx **2700 – 3100 RPM**.
* **Noise Level:** Rated around **45 – 50 dB(A)**.
---
### 3. Key Electronic Components
The internal electronics of the ME56ZAX-R are designed for durability and protection:
#### A. Motor Construction
It utilizes a **Shaded Pole Motor** or a **Permanent Split Capacitor (PSC)** motor. These are brushless AC motors, which reduce electromagnetic interference (EMI) and eliminate the wear associated with carbon brushes.
#### B. Thermal Protection
The "-R" suffix usually denotes **Impedance Protection** or **Thermal Protection**.
* **Impedance Protected:** The motor is designed so that if the fan blade is stalled, the internal resistance (impedance) of the windings prevents the temperature from rising to a level that would cause a fire or melt the insulation.
#### C. Termination
* **Lead Wires:** Most models feature two UL-certified lead wires (usually Black/Black or Black/Red) for direct soldering or connector attachment.
* **Grounding:** The aluminum frame usually includes a grounding point to prevent electrostatic discharge (ESD).
---
### 4. Application Use-Cases
1. **Server Racks:** High-density cooling for networking equipment.
2. **Industrial Control Panels:** Heat dissipation for PLCs and Power Supplies.
3. **Medical Equipment:** Consistent airflow for sensitive electronics.
4. **Power Inverters:** Cooling large-scale DC-to-AC conversion systems.
---
### 5. Identification Code Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ME** | Mechatronics Brand Identifier |
| **56** | Refers to frame size (usually 120mm x 120mm x 38mm) |
| **ZAX** | High-performance motor/blade configuration |
| **-R** | Safety/Protection rating (Impedance Protected) |
- ⤷
What are the mounting dimensions for the ME56ZAX-R frame?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for this model?