Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MDEV-GPS-R4

  • AI
    The **MDEV-GPS-R4** is a development system designed by Linx Technologies (now part of TE Connectivity) to evaluate the **R4 Series GPS receiver modules**. It serves as a comprehensive platform for testing satellite navigation capabilities before integrating them into a custom PCB design. --- ## 核心 (Core) Electronic Components The development board integrates several critical subsystems to support the R4 module's operation: ### 1. The R4 Series GPS Receiver Module The heart of the board is the R4 GPS module. * **Architecture:** Based on the SiRFstar IV chipset. * **Sensitivity:** High sensitivity (up to -163 dBm) for urban canyons or dense foliage. * **Protocol:** Outputs standard **NEMA-0183** messages via UART. ### 2. Power Management System The board is designed to handle multiple power sources to ensure stability and low noise (critical for RF). * **Voltage Regulator:** Converts 5V (from USB) to 3.3V required by the module. * **Backup Battery:** A small coin cell or supercapacitor is often included to keep the SRAM and RTC (Real Time Clock) powered. This enables **Warm/Hot Starts**, significantly reducing the Time to First Fix (TTFF). ### 3. Interface and Connectivity | Component | Function | | :--- | :--- | | **USB Bridge** | Typically uses a CP210x or FTDI chip to convert the module's UART signals to USB for PC communication. | | **Antenna Connector** | An SMA connector for an external active or passive GPS antenna. | | **LED Indicators** | Status LEDs for Power and **1PPS** (Pulse Per Second), which flashes when a 3D time fix is achieved. | | **Headers** | Standard 0.1" pitch headers provide direct access to TX, RX, VCC, GND, and the 1PPS signal. | --- ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V (via USB) or 3.0 to 5.0V (via headers) | | **Output Protocol** | NMEA-0183 (GGA, GSA, GSV, RMC, VTG) | | **UART Baud Rate** | 4,800 to 115,200 bps (Default 4,800 or 9,600) | | **Channels** | 48-track verification channels | | **Interface** | Micro-USB or Header Pins | --- ## Electronic Operation Flow 1. **RF Input:** The SMA connector receives high-frequency satellite signals (1.575 GHz). 2. **Processing:** The R4 module down-converts the signal and calculates coordinates. 3. **Data Output:** The module sends NMEA strings through its UART TX pin. 4. **Conversion:** The on-board Bridge IC converts UART to USB Protocol. 5. **Visualization:** The user views the coordinates using the "Linx Master Development Software" or a generic serial terminal.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R4 and the newer F4 series modules?
    • ⤷ How do I configure the baud rate on the MDEV-GPS-R4?
    • ⤷ Can this board support active antennas with 3.3V power requirements?