MCQ1V3216-R560-R
AI

The part number **MCQ1V3216-R560-R** typically refers to a **Multilayer Ceramic Chip Inductor** (often used in high-frequency or power applications). While specific manufacturer prefixes can vary (common among manufacturers like Taiyo Yuden or Cyntec), the nomenclature follows standard electronics industry conventions.
---
### 1. Specification Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MCQ1V** | Series/Type | High-frequency or Automotive grade multilayer chip inductor. |
| **3216** | Case Size (Metric) | 3.2mm x 1.6mm (Equivalent to **1206** in Imperial units). |
| **R560** | Inductance Value | **0.56 µH** (R denotes the decimal point). |
| **-R** | Packaging/Tolerance | Usually indicates **Tape & Reel** packaging or RohS compliance. |
---
### 2. Technical Characteristics
Based on the **3216 (1206)** footprint and the **0.56 µH** value, this part generally features the following profile:
* **Inductance:** 0.56 Microhenries (µH).
* **Structure:** Multilayer ceramic. Unlike wire-wound inductors, these are constructed by layering conductive paste and ceramic material, resulting in a monolithic, shielded structure.
* **Operating Frequency:** Designed for high-frequency circuits (often used in EMI filtering or impedance matching).
* **Mounting Type:** Surface Mount Device (SMD/SMT).
---
### 3. Common Applications
This specific inductor is commonly found in the following circuits:
1. **Mobile Devices:** Power management modules for smartphones and tablets.
2. **EMI Suppression:** Filtering high-frequency noise in data lines or power rails.
3. **DC-DC Converters:** Used in small-scale buck/boost converters where space is at a premium.
4. **RF Circuits:** Impedance matching for communication modules.
---
### 4. Comparison: 3216 vs. Other Sizes
| Metric Size | Imperial Size | Dimensions (L x W) |
| :--- | :--- | :--- |
| 1608 | 0603 | 1.6 x 0.8 mm |
| 2012 | 0805 | 2.0 x 1.25 mm |
| **3216** | **1206** | **3.2 x 1.6 mm** |
---
### 5. Equivalent Replacement Note
When looking for a replacement, ensure the following parameters match the original MCQ1V3216-R560-R datasheet:
* **Rated Current (Idc):** The maximum current the part can handle without saturating.
* **DC Resistance (DCR):** To ensure power efficiency and thermal management.
* **Self-Resonant Frequency (SRF):** Critical for high-frequency applications.
- ⤷What is the maximum current rating for the MCQ1V3216 series?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor?
- ⤷ Can I substitute a 0805 size inductor for this 1206 part?