Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCQ1V3216-R470-R

  • AI
    The part number **MCQ1V3216-R470-R** typically refers to a **Multilayer Chip Inductor** (often a ferrite bead or power inductor) used in surface-mount technology (SMT). Based on standard naming conventions for electronic components (specifically manufacturers like Microgate or similar equivalents), here is the technical breakdown: --- ### 1. Part Number Breakdown | Segment | Meaning | Specification | | :--- | :--- | :--- | | **MCQ** | Series Code | Multilayer Chip Inductor (High Current/Power type) | | **1V** | Voltage/Application | Specific application or material series | | **3216** | Case Size (Metric) | **3.2mm x 1.6mm** (EIA 1206 size) | | **R470** | Inductance Value | **0.47 µH** (R denotes decimal point) | | **-R** | Packaging/RoHS | Taped & Reeled / RoHS Compliant | --- ### 2. Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.47 µH ± 20% | | **Package Size** | 1206 (3216 Metric) | | **Material** | Ferrite / Multilayer construction | | **DC Resistance (DCR)** | Low (Typically < 0.1 Ω to minimize power loss) | | **Rated Current** | High (Often ranges from 500mA to 2A depending on specific series) | | **Operating Temp** | -55°C to +125°C | --- ### 3. Key Features * **Monolithic Structure:** The component is built using integrated layers of ferrite and conductive paste, making it highly reliable and physically robust. * **Magnetic Shielding:** Being a multilayer ferrite structure, it provides closed magnetic circuits, which minimizes EMI (Electromagnetic Interference) and crosstalk with neighboring components. * **Compact Form Factor:** The 1206 footprint is a standard size that balances ease of manufacturing (pick-and-place) with high performance. --- ### 4. Common Applications These inductors are generally used for power management and noise filtering: 1. **DC-DC Converters:** Used as energy storage or output filters in small power supply circuits. 2. **Noise Suppression:** Filtering high-frequency noise in communication lines. 3. **Consumer Electronics:** Found in smartphones, tablets, and portable devices where space is limited. 4. **Decoupling:** Used in power supply rails to prevent high-frequency interference from reaching sensitive ICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MCQ1V3216-R470-R?
    • ⤷ How does a multilayer inductor compare to a wire-wound inductor?
    • ⤷ Can this part be used specifically for EMI suppression in high-speed data lines?