MCQ1V3216-R330-R
AI

The **MCQ1V3216-R330-R** is a specific type of surface-mount electronic component, typically categorized as a **Multilayer Chip Inductor** (or sometimes a Ferrite Chip Bead depending on the specific manufacturer's series, though "R330" usually denotes inductance).
Below is a detailed breakdown of its specifications and physical characteristics.
### 1. Part Number Deciphering
The alphanumeric code follows a standard industry naming convention for passive components:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MCQ** | Series Code | Often denotes a Multilayer Chip Inductor or high-frequency series. |
| **1V** | Voltage/Material | May refer to the dielectric material or specific voltage rating (varies by brand). |
| **3216** | Package Size | Imperial size 1206 (3.2mm x 1.6mm). |
| **R330** | Value | Denotes **0.33 µH** (The 'R' acts as a decimal point). |
| **-R** | RoHS/Packaging | Indicates RoHS compliance and usually "Reel" packaging. |
---
### 2. Technical Specifications
While exact specs can vary slightly between manufacturers (like Sunlord, Taiyo Yuden, or Murata equivalents), the general parameters for a 3216 R330 inductor are:
* **Inductance:** 0.33 µH (Microhenries).
* **Tolerance:** Typically ±10% (K) or ±20% (M).
* **DC Resistance (DCR):** Low, usually in the range of 0.10 to 0.50 Ohms.
* **Rated Current:** Generally between 200mA and 500mA depending on the internal wire gauge.
* **Operating Temperature:** -40°C to +85°C or +125°C.
---
### 3. Physical Dimensions (3216 Metric / 1206 Imperial)
This component uses the standard **1206** footprint, making it relatively easy to hand-solder but small enough for high-density PCBs.
| Dimension | Metric (mm) | Imperial (inches) |
| :--- | :--- | :--- |
| **Length (L)** | 3.2 ± 0.2 mm | 0.126 ± 0.008" |
| **Width (W)** | 1.6 ± 0.2 mm | 0.063 ± 0.008" |
| **Thickness (T)** | 1.1 ± 0.2 mm | 0.043 ± 0.008" |
---
### 4. Common Applications
These parts are primarily used for power management and signal integrity in consumer electronics:
1. **EMI Suppression:** Filtering high-frequency noise in digital circuits.
2. **DC-DC Converters:** Small-scale power conversion in mobile devices.
3. **RF Circuits:** Used in matching networks for Bluetooth, Wi-Fi, or cellular modules.
4. **Decoupling:** Preventing noise from passing between different sections of a circuit board.
---
### 5. Equivalent Replacement Guide
If you are looking for a replacement, ensure the following parameters match or exceed the original:
```text
Type: Multilayer Inductor
Value: 0.33uH
Package: 1206 (3216 Metric)
Max Current: Must be equal or higher than original circuit requirement
DCR: Must be equal or lower to prevent overheating
```
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How do I calculate if the 330nH value is appropriate for my LC filter?
- ⤷ Which major manufacturers produce direct equivalents for the MCQ series?