Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCQ1V3216-R270-R

  • AI
    The part number **MCQ1V3216-R270-R** typically refers to a **Multilayer Chip Inductor** (specifically a ferrite chip bead or power inductor) often manufactured by companies like Max Echo or similar electronic component specialists. ### 1. Component Breakdown The alphanumeric code follows a standard industry naming convention for passive components: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | MCQ1V | Manufacturer series (often High Current/High Frequency) | | **Size (Metric)** | 3216 | Dimensions: 3.2mm x 1.6mm (EIA 1206) | | **Inductance/Value**| R270 | 0.270 µH (Microhenries) | | **Packaging** | -R | Typically indicates Tape & Reel packaging | --- ### 2. Technical Specifications While specific data can vary by manufacturer, a standard "3216 R27" component usually carries these characteristics: * **Inductance:** 0.27 µH ± 20% (or 30%). * **Case Size:** 1206 (Imperial) / 3216 (Metric). * **DCR (DC Resistance):** Usually very low (mΩ range) to minimize power loss. * **Rated Current:** High current capacity, often ranging from 1.5A to 4A depending on the specific internal structure. * **Operating Temperature:** Typically -55°C to +125°C. --- ### 3. Key Features * **Multilayer Technology:** Constructed by layering ceramic/ferrite materials and conductive pastes, providing a compact footprint without a wire winding. * **Magnetic Shielding:** The multilayer structure inherently provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components. * **High Reliability:** Excellent solderability and heat resistance for SMT (Surface Mount Technology) processes. --- ### 4. Common Applications These components are primarily used for power supply decoupling and signal conditioning: 1. **EMI Suppression:** Filtering high-frequency noise in DC power lines. 2. **DC-DC Converters:** Used as a small power inductor in high-frequency switching regulators. 3. **Consumer Electronics:** Found in smartphones, tablets, and motherboards where PCB space is limited. 4. **Communication Equipment:** Filtering noise in high-speed data transmission lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MCQ1V3216-R270-R?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ Can this part be used for EMI filtering in automotive applications?