Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCQ1V3216-R068-R

  • AI
    The **MCQ1V3216-R068-R** is a specific electronic component, typically categorized as a **Metal Foil Chip Resistor** or a specialized **Current Sense Resistor**. Based on the nomenclature common in high-precision power electronics, here is the detailed breakdown of its parts and specifications. --- ### 1. Component Overview The part number can be decoded to understand its physical and electrical characteristics: | Part Segment | Definition | Description | | :--- | :--- | :--- | | **MCQ** | Series Code | High-precision Metal Foil Current Sense Resistor. | | **1V** | Power Rating | Typically indicates a **1 Watt** power rating. | | **3216** | Package Size | Metric 3216 (Imperial **1206**) dimensions (3.2mm x 1.6mm). | | **R068** | Resistance Value | **0.068 Ohms** (68 mΩ). | | **R** | Tolerance | Usually indicates **±1%** (though check datasheet for specific manufacturer variants). | --- ### 2. Physical Construction The internal structure of this component is designed for stability and heat dissipation: 1. **Resistive Element:** A specialized metal foil alloy (often Manganese-Copper or Nickel-Chrome) that provides a low Temperature Coefficient of Resistance (TCR). 2. **Substrate:** High-purity alumina ceramic substrate for mechanical strength and insulation. 3. **Protective Coating:** An epoxy or glass overcoat to protect the foil from oxidation and moisture. 4. **Terminations:** Solderable end wraps (usually Sn over Ni) designed for Surface Mount Technology (SMT). --- ### 3. Key Specifications These parts are engineered for high-performance power management circuits. * **Resistance Value:** $0.068 \Omega$ (Low resistance for minimal voltage drop). * **Tolerance:** Commonly $\pm 1\%$. * **Operating Temperature:** Generally rated for $-55^\circ C$ to $+155^\circ C$. * **TCR:** Low Temperature Coefficient (e.g., $\pm 50 \text{ ppm/}^\circ C$) ensures the resistance doesn't change significantly as the part heats up. --- ### 4. Typical Applications Because of its low resistance and 1W power rating, this component is used for **Current Sensing**: * **Battery Management Systems (BMS):** Measuring charge/discharge current. * **DC-DC Converters:** Monitoring output current for over-current protection. * **Motor Control:** Feedback loops for speed and torque regulation. * **Power Supplies:** Load monitoring in telecommunications or industrial equipment. --- ### 5. Schematic Symbol and Usage In a circuit, this resistor is placed in series with the load. The voltage drop across it is measured using an Op-Amp or an ADC to calculate current via Ohm's Law ($I = V/R$). ```cpp // Calculation Example float resistance = 0.068; // Ohms float voltageDrop = read_adc_voltage(); float current = voltageDrop / resistance; ```
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to metal foil resistors for current sensing?
    • ⤷ How does the TCR value affect the accuracy of this resistor in high-heat environments?
    • ⤷ Is the 1206 package size standard for 1W resistors
    • ⤷ or are there thermal considerations?