MCQ1V2012-R820-R
AI

The part number **MCQ1V2012-R820-R** typically refers to a **Surface Mount (SMD) Multilayer Chip Power Inductor**. These components are widely used in power management circuits, such as DC-DC converters in smartphones, tablets, and wearable devices.
---
### 1. Specification Breakdown
Based on standard industry naming conventions (often used by manufacturers like Sunlord or similar vendors), here is the technical breakdown:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | MCQ1V | Multilayer Chip Power Inductor (High Current) |
| **Size (Metric)** | 2012 | 2.0mm x 1.25mm (equivalent to 0805 Imperial) |
| **Inductance** | R820 | 0.82 µH (Microhenries) |
| **Tolerance** | -R (at end) | Often indicates RoHS compliance or specific packaging |
### 2. Physical & Mechanical Attributes
* **Dimensions:** Approximately **2.0 x 1.2 x 0.9 mm**.
* **Construction:** Multilayer ferrite structure which allows for a compact design without the need for a wire-wound core.
* **Mounting Type:** Surface Mount Device (SMD/SMT).
### 3. Key Electrical Characteristics
While specific values can vary slightly by manufacturer, the **MCQ1V2012** series generally features:
* **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation.
* **High Rated Current:** Capable of handling higher currents (Isat) compared to standard signal inductors of the same size.
* **Magnetic Shielding:** The multilayer structure provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
### 4. Common Applications
These parts are essential in modern miniaturized electronics for:
1. **Buck/Boost Converters:** Voltage regulation in battery-powered devices.
2. **Smartphones:** Powering CPU/GPU rails.
3. **IoT Devices:** Ensuring stable power delivery in small form factors.
4. **Laptops:** Localized power management on motherboards.
---
### Comparison with Standard Inductors
Unlike traditional wire-wound inductors, the **MCQ1V** series is built by layering ceramic/ferrite materials and conductive paste. This makes them:
* **Pros:** Smaller height profile, better EMI performance, and higher reliability in vibration-prone environments.
* **Cons:** Generally lower saturation currents compared to large-core wire-wound inductors.
- ⤷
What is the maximum rated current for the MCQ1V2012-R820-R?
- ⤷ How does a multilayer inductor differ from a wire-wound inductor in performance?
- ⤷ What are the typical soldering temperature profiles for this SMD component?