MCQ1V2012-R680-R
AI

The part number **MCQ1V2012-R680-R** typically refers to a **Multilayer Ceramic Chip Inductor** (often used in high-frequency applications). Based on standard industry nomenclature (common for manufacturers like Cyntec or similar specialized component makers), here is the detailed breakdown:
### Part Number Deciphering
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | `MCQ1V` | Multilayer Chip Inductor (High Q type) |
| **Size (Metric)** | `2012` | 2.0mm x 1.25mm (equivalent to **0805** imperial) |
| **Inductance** | `R680` | 0.680 Microhenries ($\mu H$) or 680 Nanohenries ($nH$) |
| **Packaging** | `-R` | Tape and Reel (Standard for automated SMT) |
---
### Key Technical Specifications
Common characteristics for this class of component include:
1. **Inductance Value:** 0.68 $\mu H$ (Tolerance is usually $\pm 5\%$ or $\pm 10\%$).
2. **Form Factor:** 0805 Surface Mount Device (SMD).
3. **High Q Factor:** Designed for low loss at high frequencies, making it ideal for RF (Radio Frequency) circuits.
4. **Self-Resonant Frequency (SRF):** Typically in the range of 100MHz to 500MHz depending on the specific internal structure.
5. **DC Resistance (DCR):** Usually very low (milli-ohms range) to prevent power loss and heating.
---
### Typical Applications
These components are essential in modern electronics for signal integrity and power management:
* **RF Matching Networks:** Used in smartphones and Wi-Fi modules to match impedance between the antenna and the transceiver.
* **Filtering:** Acting as a Low Pass Filter (LPF) to remove high-frequency noise from signal lines.
* **Decoupling:** Preventing high-frequency interference from affecting sensitive integrated circuits.
* **Mobile Devices:** Due to the small 0805 footprint, they are commonly found in tablets, wearables, and portable medical devices.
---
### Comparison: 0805 (2012) Dimensions
| Dimension | Millimeters (mm) | Inches (in) |
| :--- | :--- | :--- |
| Length (L) | $2.00 \pm 0.20$ | $0.079 \pm 0.008$ |
| Width (W) | $1.25 \pm 0.20$ | $0.049 \pm 0.008$ |
| Thickness (T)| $0.85 \pm 0.20$ | $0.033 \pm 0.008$ |
- ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How does the Q factor affect the performance of this inductor?
- ⤷ What are the typical current ratings for an 0805 size inductor?