Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MCQ1V1608-R820-R

  • AI
    The part number **MCQ1V1608-R820-R** typically refers to a **Multilayer Chip Inductor** (often from manufacturers like Microgate). These components are essential in modern electronics for managing signal integrity and filtering power. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the physical and electrical characteristics of the component: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | MCQ | Multilayer Chip Inductor (General / High Frequency) | | **Size (Metric)** | 1608 | Dimensions: 1.6mm x 0.8mm (Equivalent to 0603 in imperial) | | **Inductance** | R820 | 0.82 $\mu$H (The 'R' acts as a decimal point) | | **Tolerance** | - | Usually J ($\pm$5%), K ($\pm$10%), or M ($\pm$20%) | | **Packaging** | -R | Tape & Reel (for automated SMT placement) | --- ### 2. Technical Specifications While exact specs can vary slightly by manufacturer, the standard 1608-R82 inductors generally follow these parameters: * **Inductance:** 0.82 microhenries ($\mu$H). * **Case Size:** 0603 (Imperial) / 1608 (Metric). * **Mounting Type:** Surface Mount (SMD/SMT). * **Core Material:** Ceramic (for high-frequency) or Ferrite (for power/filtering). * **Operating Temperature:** Typically -40°C to +85°C or +125°C. --- ### 3. Key Applications This specific inductor is commonly used in the following scenarios: 1. **RF Circuits:** Used in impedance matching and resonance circuits for mobile phones, Wi-Fi modules, and Bluetooth devices. 2. **Signal Filtering:** Acting as a Low Pass Filter to remove high-frequency noise from signal lines. 3. **EMI Suppression:** Reducing electromagnetic interference in compact consumer electronics. 4. **Decoupling:** Preventing noise from one part of a circuit from affecting another via the power supply. --- ### 4. Comparison: Ceramic vs. Ferrite Depending on the specific sub-series of the MCQ1V, the core material changes its behavior: | Feature | Ceramic Core | Ferrite Core | | :--- | :--- | :--- | | **Q Factor** | High (Better for RF) | Lower | | **Current Handling** | Low | High | | **Saturation** | No Saturation | Can Saturate | | **Best Use** | High-frequency signal | Power filtering |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MCQ1V1608-R820-R?
    • ⤷ How does the 'R820' notation differ from '821' in inductor codes?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this part?